Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-2689 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDMP-2689
Description  Quad 2.125/1.0625 GBd Fibre Channel General Purpose SerDes
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-2689 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDMP-2689 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
Table 1. PMX Encoding Definitions.
PMX
Mode
Description
0
Buffer
TX: Inputs are phase adjusted to transmit clock and serialized MSB (a) first.
RX: Serial data is byte aligned and presented with first bit (a) as MSB
1
Codec
TX: Inputs are phase adjusted, 8B/10B encoded, and serialized.
RX: Serial data is byte aligned and 8B/10B decoded
Table 2. Data Formats (TDA/RDA is representative of all Transmit and Receive Data Ports).
Pin
PMX 0
PMX 1
Buffer
Codec
TDA9/RDA9
a
ERR (RX_LOS or decoding error)
TDA8/RDA8
b
Z
TDA7/RDA7
c
D7
TDA6/RDA6
d
D6
TDA5/RDA5
e
D5
TDA4/RDA4
i
D4
TDA3/RDA3
f
D3
TDA2/RDA2
g
D2
TDA1/RDA1
h
D1
TDA0/RDA0
j
D0
Note: See Figure 4 for a connection diagram.
Table 3. Transmitter Data Rate.
Management Register 17
TXnP/N
TCn
Input Setting
Rate (GBd)
Rate (MHz)
Case
Full/Half
A
0
1.0625
106.25
B
1
2.125
106.25


Similar Part No. - HDMP-2689

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-2634 HP-HDMP-2634 Datasheet
258Kb / 23P
   2.5/1.25 GBd Serdes Circuit
More results

Similar Description - HDMP-2689

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII2024 SILICONIMAGE-SII2024 Datasheet
995Kb / 2P
   Fibre Channel Quad SerDes
logo
Broadcom Corporation.
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
Silicon image
SIIPB0029 SILICONIMAGE-SIIPB0029 Datasheet
995Kb / 2P
   Fibre Channel Quad SerDes
logo
Broadcom Corporation.
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
   Fibre Channel SerDes
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com