Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V5636GP16 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M5M5V5636GP16
Description  18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V5636GP16 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M5M5V5636GP16 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M5V5636GP16 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MITSUBISHI LSIs
M5M5V5636GP –16
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
9
MITSUBISHI
ELECTRIC
Advanced Information
M5M5V5636GP REV.0.1
CAPACITANCE
Limits
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CI
Input Capacitance
VI=GND, VI=25mVrms, f=1MHz
6
pF
CO
Input / Output(DQ) Capacitance
VO=GND, VO=25mVrms, f=1MHz
8
pF
Note19.This parameter is sampled.
THERMAL RESISTANCE
Limits
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
θJA
Thermal Resistance Junction Ambient
TBD
TBD
°C/W
θJC
Thermal Resistance Junction to Case
TBD
TBD
°C/W
Note20.This parameter is sampled.
AC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, VDD=3.135~3.465V, unless otherwise noted)
(1)MEASUREMENT CONDITION
Input pulse levels
········································ VIH=VDDQ, VIL=0V
Input rise and fall times
······························· faster than or equal to 1V/ns
Input timing reference levels
······················· VIH=VIL=0.5*VDDQ
Output reference levels
·······························VIH=VIL=0.5*VDDQ
Output load
·················································· Fig.1
Note21.Valid Delay Measurement is made from the VDDQ/2 on the input waveform to the VDDQ/2 on the output waveform.
Input waveform should have a slew rate of
faster than or equal to 1V/ns.
Note22.Tri-state toff measurement is made from the VDDQ/2 on the input waveform to the output waveform moving 20%
from its initial to final Value VDDQ/2.
Note:the initial value is not VOL or VOH as specified in DC ELECTRICAL CHARACTERISTICS table.
Note23. Tri-state ton measurement is made from the VDDQ/2 on the input waveform to the output waveform moving 20%
from its initial Value VDDQ/2 to its final Value.
Note:the final value is not VOL or VOH as specified in DC ELECTRICAL CHARACTERISTICS table.
Note24.Clocks,Data,Address and control signals will be tested with a minimum input slew rate of
faster than or equal to 1V/ns.
ZO=50
50
Q
VT=0.5*VDDQ
30pF
(Including wiring and JIG)
Fig.1 Output load
VDDQ / 2
VDDQ / 2
tplh
tphl
Input
Waveform
Output
Waveform
VDDQ / 2
Input
Waveform
Vh-(0.2(Vh-Vz))
Vz+(0.2(Vh-Vz))
0.2(Vz-Vl)
Vz-(0.2(Vz-Vl))
toff
ton
Vz
(toff)
(ton)
Vh
Vl
Output
Waveform
Fig.2 Tdly measurement
Fig.3 Tri-State measurement


Similar Part No. - M5M5V5636GP16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V5636GP-13 RENESAS-M5M5V5636GP-13 Datasheet
488Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5V5636GP-13I RENESAS-M5M5V5636GP-13I Datasheet
486Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5V5636GP-16 MITSUBISHI-M5M5V5636GP-16 Datasheet
264Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636GP-16 RENESAS-M5M5V5636GP-16 Datasheet
692Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5V5636GP-16 RENESAS-M5M5V5636GP-16 Datasheet
488Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results

Similar Description - M5M5V5636GP16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5Y5636TG-25 RENESAS-M5M5Y5636TG-25 Datasheet
462Kb / 30P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5Y5636TG-25 MITSUBISHI-M5M5Y5636TG-25 Datasheet
242Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636UG RENESAS-M5M5T5636UG_15 Datasheet
542Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636GP-20 MITSUBISHI-M5M5T5636GP-20 Datasheet
257Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636UG RENESAS-M5M5V5636UG_15 Datasheet
928Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636UG-25 MITSUBISHI-M5M5T5636UG-25 Datasheet
291Kb / 23P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636GP-16I RENESAS-M5M5V5636GP-16I Datasheet
486Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5V5636GP-16 RENESAS-M5M5V5636GP-16 Datasheet
692Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5Y5636TG-25 MITSUBISHI-M5M5Y5636TG-25 Datasheet
212Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636GP RENESAS-M5M5T5636GP_15 Datasheet
456Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com