Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V416BTP-10H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M5V416BTP-10H
Description  4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V416BTP-10H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5V416BTP-10H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V416BTP-10H Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M ITSUBISHI ELECTRIC
M5M5V416BTP,RT
revision-P04, ' 98.12.16
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
3
ABSOLUTE MAXIMUM RATINGS
pF
10
VI=GND, VI=25mVrms, f =1MHz
VO
=GND,VO=25mVrms, f =1MHz
CI
CO
Symbol
Parameter
Limits
Conditions
Units
µA
mA
µA
mA
V
Icc1
Icc2
Icc4
VIH
VIL
IO
Icc3
VOH1
IOH= -0.5mA
VOH2
IOH= -0.05mA
VOL
IOL=2mA
II
VI =0 ~ Vcc
BC1 and BC2=VIH or S1=VIH or S2=VIH or OE=VIH, VI/O=0 ~ Vcc
Vcc+0.3V
0.6
2.2
-0.3 *
2.4
0.5
0.4
±1
50
40
12
Vcc-0.5V
±1
10
-HW, -HI
Max
Typ
Min
DC ELECTRICAL CHARACTERISTICS
+70°C
+40 ~ +70°C
+25 ~ +40°C
0.3
f = 10MHz
f = 1MHz
-
-
-
-
-
-
-
-
-
-
Supply v oltage
Input v oltage
Output v oltage
Power dissipation
Operating
temperature
Storage temperature
V
mW
Conditions
Ta=25°C
700
- 20 ~ +85
- 65 ~ +150
Ratings
Vcc
VI
VO
Pd
T a
T stg
-0.5* ~ +4.6
-0.5* ~ Vcc + 0.5
0 ~ Vcc
Symbol
Parameter
Units
- 40 ~ +85
0 ~ +70
Standard
W-v ersion
I-v ersion
With respect to GND
f = 10MHz
f = 1MHz
5
50
40
10
5
+70 ~ +85°C
+70 ~ +85°C
-L, -LW, -LI
- 20 ~ +25°C
- 40 ~ +25°C
-H, -HW, -HI
0 ~ +25°C
-H
-HW
-HI
-
-LW, -LI
-
-
0.3
0.3
1
1.2
3.6
-
-
-
-
24
24
48
-
(-L, -H)
(-LW, -HW)
(-LI, -HI)
With respect to GND
With respect to GND
( Vcc=2.7 ~ 3.6V, unless otherwise noted)
High-lev el input v oltage
Low-lev el input v oltage
High-level output voltage 1
High-level output voltage 2
Low-lev el output v oltage
Input leakage current
Output leakage current
Activ e supply c urrent
( AC,MOS lev el )
( AC,TTL lev el )
Activ e supply c urrent
Stand by s upply current
( AC,MOS lev el )
( AC,TTL lev el )
Stand by s upply current
Other inputs= 0 ~ Vcc
* -3.0V in case of AC (Pulse width
30ns)
Note 1: Direction for current flowing into IC is indicated as positive (no mark)
Note 2: Typical value is for Vcc=3.0V and Ta=25
°C
CAPACITANCE
(Vcc=2.7 ~ 3.6V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Max
Typ
Min
Units
Input capacitance
Output capacitance
* -3.0V in case of AC (Pulse width
30ns)
BC1 and BC2
0.2V, S1
0.2V, S2
Vcc-0.2V
other inputs
0.2V or
Vcc-0.2V
Output - open (duty 100%)
<
=
<
=
>
=
BC1 and BC2=VIL , S=V IL ,S2=V IH
<
=
other pins =V IH or VIL
Output - open (duty 100%)
Other inputs=0~Vcc
S1
Vcc - 0.2V,
other inputs = 0 ~ Vcc
>
=
>
=
S1 0.2V, S2 Vcc - 0.2V
<
=
< 1 >
< 3 >
BC1 and BC2 Vcc - 0.2V
BC1 and BC2=VIH or S1=VIH or S2=VIL
1.2
1.2
<
=
<
=
10
°C
°C
S2
0.2V,
other inputs = 0 ~ Vcc
< 2 >
>
=


Similar Part No. - M5M5V416BTP-10H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V416BTP-70HI RENESAS-M5M5V416BTP-70HI Datasheet
150Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V416BTP-10H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG RENESAS-M5M5V416CWG_15 Datasheet
176Kb / 12P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI Datasheet
252Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416BWG MITSUBISHI-M5M5V416BWG Datasheet
107Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-70HI MITSUBISHI-M5M5V416CWG-70HI Datasheet
173Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5Y416CWG-70HI MITSUBISHI-M5M5Y416CWG-70HI Datasheet
87Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com