Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK40F80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # KK40F80
Description  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

KK40F80 Datasheet(HTML) 2 Page - SanRex Corporation

  KK40F80 Datasheet HTML 1Page - SanRex Corporation KK40F80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK(PD,PE,KK)40F
;;
10
10
10
−1
10
−1
10
10
125℃
25℃
−30℃
Peak Forward Gate Voltage(10V)
Pe
ak G
ate
Po
we
r(1
0W
Ave
ra
ge G
ate
P
ow
er(3
W
Maximum Gate Voltage that will not trigger any unit
Gate Characteristics
Gate Current(mA)
10
3
4
10
10
On-State Voltage max
On-State Voltage(V)
: Conduction Angle
360
2
50
40
30
10
80
60
70
10
20
30
70
60
40
80
50
20
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Per one element
Average On-State Current(A)
Average On-State Current Vs Power Dissipation
(Single phase half wave)
: Conduction Angle
360
2
130
120
100
110
90
80
60
70
50
10
20
60
30
70
40
80
50
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
Per one element
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
1600
1200
800
400
10
10
0
10
2
j=25℃ start
Per one element
60Hz
50Hz
Surge On-State Current Rating
(Non-Repetitive)
Time(Cycles)
1.
0.
0.
0.
0.
0.
0.
0.
0.
0.
10
-3
10
-2
10
-1
10
10
10
10
10
Per one element
Junction to case
Transient Thermal Impedance
Time
t(sec)
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
90
100
110
120
125
80 100
40 60
20
80
40
120
400
300
200
100
B2
W3
B6
W1
Conduction Angle 180゜
Output Current
Output Current(A)
Ambient Temperature(℃)
W1;Bidirectional connection
Id(Ar.m.s.)
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
40
80
120
100
110
120
125
100
90
90
110
120
125
40
80
120
B2;Two Pluse bridge connection
Ambient Temperature(℃)
Ambient Temperature(℃)
B6;Six pulse bridge connection
W3;Three phase
bidiretional connection
Id(Aav.)
Id(Ar.m.s.)
Id(Aav.)


Similar Part No. - KK40F80

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4002B KODENSHI-KK4002B Datasheet
222Kb / 5P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4002BD KODENSHI-KK4002BD Datasheet
222Kb / 5P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4002BN KODENSHI-KK4002BN Datasheet
222Kb / 5P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
   鬼MOS 18-Stage Static Shift Register
More results

Similar Description - KK40F80

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com