Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF100A40 Datasheet(PDF) 2 Page - SanRex Corporation

Part # MDF100A40
Description  DIODE(NON-ISOLATED TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

MDF100A40 Datasheet(HTML) 2 Page - SanRex Corporation

  MDF100A40 Datasheet HTML 1Page - SanRex Corporation MDF100A40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
MDF(R)100A
Maximum Forward Characteristics
1.
2.
Forward Voltage Drop(V)
10
3
10
2
Average Forward Current vs.
Power Dissipation
100
50
150
200
200
100
50
150
Average Forward Current(A)
Three Phase
Single Phase
D.C.
160
100
120
140
60
80
50
100
150
200
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
Three Phase
Single Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
500
1500
2000
1000
2500
10
20
50
100
60Hz
j=25℃ start
0.
0.
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
-3
10
-2
10
10
10
-1
Junction to case
SanRex
®


Similar Part No. - MDF100A40

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
More results

Similar Description - MDF100A40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDF150A30 SANREX-MDF150A30 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
MDF200A30 SANREX-MDF200A30 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
MDF250A30 SANREX-MDF250A30 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
logo
Diodes Incorporated
DKR200AB60 DIODES-DKR200AB60 Datasheet
102Kb / 2P
   DIODE MODULE( NON-ISOLATED TYPE )
logo
SanRex Corporation
BKR400ABZ50 SANREX-BKR400ABZ50 Datasheet
93Kb / 2P
   SCHOTTKY DIODE MODULE (NON-ISOLATED TYPE)
logo
Murata Manufacturing Co...
MYPMA01218RCF-CCB MURATA1-MYPMA01218RCF-CCB Datasheet
793Kb / 8P
   Non-isolated type
2018
MYPMA01218RCF-CAB MURATA1-MYPMA01218RCF-CAB Datasheet
547Kb / 6P
   Non-isolated type
October 6, 2022
logo
SanRex Corporation
TMG12C60 SANREX-TMG12C60 Datasheet
105Kb / 2P
   TRIAC (NON-ISOLATED TYPE)
TMG8C60 SANREX-TMG8C60 Datasheet
115Kb / 2P
   TRIAC(NON-ISOLATED TYPE)
TMG10C60 SANREX-TMG10C60 Datasheet
117Kb / 2P
   TRIAC(NON-ISOLATED TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com