Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34164D-5R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC34164D-5R2G
Description  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34164D-5R2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC34164D-5R2G Datasheet HTML 1Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 2Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 3Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 4Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 5Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 6Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 7Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 8Page - ON Semiconductor MC34164D-5R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 16
1
Publication Order Number:
MC34164/D
MC34164, MC33164,
NCV33164
Micropower Undervoltage
Sensing Circuits
The MC34164 series are undervoltage sensing circuits specifically
designed for use as reset controllers in portable microprocessor based
systems where extended battery life is required. These devices offer
the designer an economical solution for low voltage detection with a
single external resistor. The MC34164 series features a bandgap
reference, a comparator with precise thresholds and built−in hysteresis
to prevent erratic reset operation, an open collector reset output
capable of sinking in excess of 6.0 mA, and guaranteed operation
down to 1.0 V input with extremely low standby current. The MC
devices are packaged in 3−pin TO−226AA, micro size TSOP−5, 8−pin
SOIC−8 and Micro8
™ surface mount packages. The NCV device is
packaged in SOIC−8.
Applications include direct monitoring of the 3.0 V or 5.0 V
MPU/logic power supply used in appliance, automotive, consumer,
and industrial equipment.
Temperature Compensated Reference
Monitors 3.0 V (MC34164−3) or 5.0 V (MC34164−5) Power Supplies
Precise Comparator Thresholds Guaranteed Over Temperature
Comparator Hysteresis Prevents Erratic Reset
Reset Output Capable of Sinking in Excess of 6.0 mA
Internal Clamp Diode for Discharging Delay Capacitor
Guaranteed Reset Operation With 1.0 V Input
Extremely Low Standby Current: As Low as 9.0 mA
Economical TO−226AA, TSOP−5, SOIC−8 and Micro8 Surface
Mount Packages
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
Figure 1. Representative Block Diagram
1.2 Vref
Reset
GND
Input
=
Sink Only
Positive True Logic
This device contains 28 active transistors.
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
SOIC−8
D SUFFIX
CASE 751
8
1
Micro8
DM SUFFIX
CASE 846A
8
1
See general marking information in the device marking
section on page 9 of this data sheet.
DEVICE MARKING INFORMATION
(Top View)
3
1
N.C.
Ground
N.C.
N.C.
2
4
8
7
6
5 N.C.
N.C.
Input
Reset
PIN CONNECTIONS
1
2
3
TO−226AA
P SUFFIX
CASE 29
http://onsemi.com
TSOP−5
SN SUFFIX
CASE 483
1
5
Pin 1. Ground
2. Input
3. Reset
4. NC
5. NC
TSOP−5
Pin 1. Reset
2. Input
3. Ground
TO−226AA


Similar Part No. - MC34164D-5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164D-5R2G ONSEMI-MC34164D-5R2G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
More results

Similar Description - MC34164D-5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com