Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5932 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5932
Description  MAX5932 Evaluation Kit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5932 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5932 Datasheet HTML 1Page - Maxim Integrated Products MAX5932 Datasheet HTML 2Page - Maxim Integrated Products MAX5932 Datasheet HTML 3Page - Maxim Integrated Products MAX5932 Datasheet HTML 4Page - Maxim Integrated Products MAX5932 Datasheet HTML 5Page - Maxim Integrated Products MAX5932 Datasheet HTML 6Page - Maxim Integrated Products MAX5932 Datasheet HTML 7Page - Maxim Integrated Products MAX5932 Datasheet HTML 8Page - Maxim Integrated Products MAX5932 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Positive High-Voltage, Hot-Swap Controller
_______________________________________________________________________________________
5
ICC vs. VCC
VCC (V)
72
64
48 56
16 24 32 40
8
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
080
TA = -40
°C
TA = +25
°C
TA = +85
°C
ICC vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
85
VCC = 48V
VCC = 24V
FB LOW-VOLTAGE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.200
-40
85
FB HIGH-VOLTAGE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
1.285
1.290
1.295
1.300
1.305
1.310
1.315
1.320
1.325
1.330
1.335
1.280
FB HYSTERESIS vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.04
-40
85
IGATE PULLUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-12
-11
-10
-9
-7
-8
-6
-5
-13
-40
85
GATE DRIVE vs. VCC
VCC (V)
60
40
20
2
4
6
8
10
12
14
16
0
080
GATE DRIVE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
6
7
8
9
10
11
12
13
14
15
5
-40
85
VCC = 48V
VCC = 10.8V
Typical Operating Characteristics
(VCC = +48V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com