Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC109DT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74AC109DT
Description  Dual JK Positive Edge?뭈riggered Flip?묯lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC109DT Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC109DT Datasheet HTML 1Page - ON Semiconductor MC74AC109DT Datasheet HTML 2Page - ON Semiconductor MC74AC109DT Datasheet HTML 3Page - ON Semiconductor MC74AC109DT Datasheet HTML 4Page - ON Semiconductor MC74AC109DT Datasheet HTML 5Page - ON Semiconductor MC74AC109DT Datasheet HTML 6Page - ON Semiconductor MC74AC109DT Datasheet HTML 7Page - ON Semiconductor MC74AC109DT Datasheet HTML 8Page - ON Semiconductor MC74AC109DT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74AC109, MC74ACT109
http://onsemi.com
5
DC CHARACTERISTICS (continued)
Symbol
Conditions
Unit
74ACT
74ACT
VCC
(V)
Parameter
Symbol
Conditions
Unit
TA =
−40°C to
+85°C
TA = +25°C
VCC
(V)
Parameter
Symbol
Conditions
Unit
Guaranteed Limits
Typ
VCC
(V)
Parameter
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 μA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
ΔICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
5.0
145
125
MHz
3−3
tPLH
Propagation Delay
CPn to Qn or Qn
5.0
4.0
11.0
3.5
13.0
ns
3−6
tPHL
Propagation Delay
CPn to Qn or Qn
5.0
3.0
10.0
2.5
11.5
ns
3−6
tPLH
Propagation Delay
CDn or SDn to Qn or Qn
5.0
2.5
9.5
2.0
10.5
ns
3−6
tPHL
Propagation Delay
CDn or SDn to Qn or Qn
5.0
2.5
10.0
2.0
11.5
ns
3−6
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Set−up Time, HIGH or LOW
Jn or Kn to CPn
5.0
2.0
2.5
ns
3−9
th
Hold Time, HIGH or LOW
Jn or Kn to CPn
5.0
2.0
2.0
ns
3−9
tw
Pulse Width
CPn or CDn or SDn
5.0
5.0
6.0
ns
3−6
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


Similar Part No. - MC74AC109DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10 Datasheet
128Kb / 5P
   TRIPLE 3-INPUT NAND GATE
MC74AC10 ONSEMI-MC74AC10 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
MC74AC10D ONSEMI-MC74AC10D Datasheet
128Kb / 5P
   TRIPLE 3-INPUT NAND GATE
MC74AC10DG ONSEMI-MC74AC10DG Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
MC74AC10DR2G ONSEMI-MC74AC10DR2G Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
More results

Similar Description - MC74AC109DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com