Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB24AN06LA0 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDB24AN06LA0
Description  N-Channel PowerTrench MOSFET 60V, 36A, 24mohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB24AN06LA0 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDB24AN06LA0 Datasheet HTML 1Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 2Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 3Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 4Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 5Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 6Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 7Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 8Page - Fairchild Semiconductor FDB24AN06LA0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDB24AN06LA0 / FDP24AN06LA0 Rev. A
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
10
20
30
40
50
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 5V
0.01
0.1
1
10-4
10-3
10-2
10-1
100
101
2
10-5
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
10-5
10-4
10-3
10-2
10-1
100
101
30
400
t, PULSE WIDTH (s)
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 10V
VGS = 5V


Similar Part No. - FDB24AN06LA0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB24AN06LA0 ISC-FDB24AN06LA0 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB24AN06LA0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8451 FAIRCHILD-FDD8451 Datasheet
345Kb / 6P
   N-Channel PowerTrench MOSFET 40V, 28A, 24mOHM
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com