Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDA59N25 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDA59N25
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA59N25 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDA59N25 Datasheet HTML 1Page - Fairchild Semiconductor FDA59N25 Datasheet HTML 2Page - Fairchild Semiconductor FDA59N25 Datasheet HTML 3Page - Fairchild Semiconductor FDA59N25 Datasheet HTML 4Page - Fairchild Semiconductor FDA59N25 Datasheet HTML 5Page - Fairchild Semiconductor FDA59N25 Datasheet HTML 6Page - Fairchild Semiconductor FDA59N25 Datasheet HTML 7Page - Fairchild Semiconductor FDA59N25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FDA59N25 Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 0.67mH, IAS = 59A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 59A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDA59N25
FDA59N25
TO-3P
--
--
30
Symbol
Parameter
Conditions
Min.
Typ.
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
250
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25°C--
0.25
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 250V, VGS = 0V
VDS = 200V, TC = 125°C
--
--
--
--
1
10
µA
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 29.5A
--
0.041
0.049
gFS
Forward Transconductance
VDS = 40V, ID = 29.5A
(Note 4)
--
45
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
3090
4020
pF
Coss
Output Capacitance
--
630
820
pF
Crss
Reverse Transfer Capacitance
--
70
110
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 125V, ID = 59A
RG = 25Ω
(Note 4, 5)
--
70
150
ns
tr
Turn-On Rise Time
--
480
970
ns
td(off)
Turn-Off Delay Time
--
90
190
ns
tf
Turn-Off Fall Time
--
170
350
ns
Qg
Total Gate Charge
VDS = 200V, ID = 59A
VGS = 10V
(Note 4, 5)
--
63
82
nC
Qgs
Gate-Source Charge
--
18.5
--
nC
Qgd
Gate-Drain Charge
--
30
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
59
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
236
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 59A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 59A
dIF/dt =100A/µs
(Note 4)
--
190
--
ns
Qrr
Reverse Recovery Charge
--
4.4
--
µC


Similar Part No. - FDA59N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA59N25 FAIRCHILD-FDA59N25 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDA59N25 ISC-FDA59N25 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDA59N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com