Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8729_NL Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN8729_NL
Description  Spindle4-CH Motor Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8729_NL Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8729_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 9Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 10Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 11Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 12Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 13Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 14Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
FAN8729
11
Application Information
1. MUTE Function
• MUTE circuit turns BTL output ON/OFF.
• When MUTE terminal (pin42, pin43) is OPEN, or terminal voltage is
lower than 1V, BTL is disable.
• When MUTE terminal (pin42, pin43) is voltage is higher than 1.5V,
BTL output operates normally.
•Feature Table.
2. TSD Function
• TSD circuit intercepts all IC output to protect the IC against high
temperatures.
• When chip temperature rises above 165°C, BTL and spindle output is
disable.
• When chip temperature falls below 140°C, BTL and spindle output
operates normally.
• TSD has hysteresis of 25°C.
3. TSD Monitor Function
• TSD monitor circuit displays TSD status.
• When TSD is ON, pin18 is HIGH.
• When TSD is OFF, pin18 is LOW.
• Since output pin(PIN18) is open-collector, pull-up resistance should be
attached outside.
•Feature Table.
MUTE circuit voltage
MUTE status
Above 1.5V
OFF
Below 1V or Open
ON
TSD
Pin18
TSD On
High
TSD Off
Low
42
43
Output driver
Bias
Q0
SVCC
IREF
Hysteresis
R1
R2
R3
Ihys
20k
Q5
Q6
18
TSD
SVCC
VCC
R(external)


Similar Part No. - FAN8729_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727_NL FAIRCHILD-FAN8727_NL Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
More results

Similar Description - FAN8729_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8728 FAIRCHILD-FAN8728 Datasheet
361Kb / 26P
   Spindle 4-CH Input PWM Motor Drive IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
   4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
   4-CH MOTOR DRIVE IC
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
Renesas Technology Corp
M63016FP RENESAS-M63016FP Datasheet
4Mb / 21P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Mitsubishi Electric Sem...
M63016FP MITSUBISHI-M63016FP Datasheet
577Kb / 20P
   Spindle Motor AND 4CH ACTUATOR Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com