Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8461GX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN8461GX
Description  Single Phase Full Wave BLDC Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8461GX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN8461GX Datasheet HTML 2Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 3Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 4Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 5Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 6Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 7Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 8Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 9Page - Fairchild Semiconductor FAN8461GX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FAN8461G
6
FAN8461G Electrical Characteristics
(Ta = 25
°C, VCC = 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Total
Supply current
ICC
-4.5
7mA
Lock Detector & Auto Restart
LD charging current
ILDC
VLD=0V-->1.5V, VLD=1.5V
1.4
2.2
2.9
µA
LD discharging current
ILDD
VLD=3V-->1.5V, VLD=1.5V
0.15
0.33
0.50
µA
LD clamp voltage
VLDCL
-
2.3
2.6
2.9
V
LD comparator voltage
VLDCP
-
0.4
0.6
0.8
V
Output Stage
High side output saturation voltage
VOSH
IO=200mA
-
0.9
1.1
V
Low side output saturation voltage
VOSL
IO=200mA
0.2
0.3
V
Speed output(FG) & Lock Detection Output(AL)
FG output saturation voltage
VFGS
IFG=5mA
-
0.1
0.3
V
FG output leakage current
IFGO
VFG=12V
-
0.1
10
µA
AL output saturation voltage
VALS
IAL=5mA
-
0.1
0.3
V
AL output leakage current
IAL
VAL=12V
-
0.1
10
µA
Hall Amplifier
Input range
VHDC
-0
-
VS-2.8
V
Input offset
VHOF
--10
-
10
mV


Similar Part No. - FAN8461GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8460MPX FAIRCHILD-FAN8460MPX Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
FAN8460MTC FAIRCHILD-FAN8460MTC Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
FAN8460MTCX FAIRCHILD-FAN8460MTCX Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
FAN8463 FAIRCHILD-FAN8463 Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
FAN8463MPX FAIRCHILD-FAN8463MPX Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
More results

Similar Description - FAN8461GX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV88551 ONSEMI-LV88551 Datasheet
921Kb / 29P
   Motor Driver, Single-Phase, PWM, Full-Wave, BLDC Motor
April, 2018 ??Rev. 3
logo
Fairchild Semiconductor
FAN8463 FAIRCHILD-FAN8463 Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
logo
ON Semiconductor
LV88563 ONSEMI-LV88563 Datasheet
777Kb / 24P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
LV88561 ONSEMI-LV88561 Datasheet
795Kb / 26P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
LV8814J ONSEMI-LV8814J Datasheet
2Mb / 36P
   Motor Driver 3-Phase PWM Full-Wave BLDC
June 2016- Rev. 0
logo
Fairchild Semiconductor
FAN8460MTC FAIRCHILD-FAN8460MTC Datasheet
433Kb / 22P
   Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
logo
Shaoxing Devechip Micro...
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
   Single-phase Full-wave Motor Driver
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
   Single-phase full-wave motor driver
logo
Shaoxing Devechip Micro...
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
   Single-Phase Full-Wave Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com