Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7532MX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7532MX
Description  Ballast Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7532MX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7532MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7532MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7532 Rev. 1.0.2
2
Typical Application Circuit
Figure 1. Application Circuit
F1
AC INPUT
5
6
7
8
FAN7527B
12
3
4
TNR
CX1
CY1
CY2
LF1
CX2
NTC
D10
C1
R1
R2
C5
C3
R3
R4
L1
C6
R7
R5
R8
D1
R9
C2
M1
D12
D11
D13
DC_400V
R6
VR1
R11
1
1
1
1
1
1
1
R12
D2
R10
C4
1
5
3
4
RT
CT
R51
C52
CPH
R53
R50
C100//C101
D51
C200//C201
C102
C53
M50
M51
C50
RPH
L100
L200
DC_400V
DC_400V
D50
C51
R52
R54
R55
R56
R102
R100,
R101
R200,
R201
R202
R103
C55
C203
C103
D200
D100
2
2
2
2
2
2
2
Open Lamp
Detection Circuit
15
15
1
1
2
2
2
2
ZD51
R57
R104,
R105
R106
R204,
R205
R206
D101
D201
C57
D3
R13
Ignition Fail
Detection Circuit
R14
D4
ZD50
C54
C56
FAN7 532
GND
VB
HO
VS
LO
CPH CT RPH
PGND
Vcc
OLP
RT
OVP
1
16
15
4
13
5
12
6
11
7
10
8
9
U2
U1
FAN7532 Rev. 00


Similar Part No. - FAN7532MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7532MX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com