Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6520AM Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN6520AM
Description  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AM Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN6520AM Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 9Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 10Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 11Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 12Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PRODUCT SPECIFICATION
FAN6520A
REV. 1.0.2 8/26/04
9
Figure 8. Asymptotic Bode Plot of Converter Gain
An output capacitor is required to filter the output and supply
the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of capaci-
tors and careful layout.
Component Selection
Output Capacitors (COUT)
Modern components and loads are capable of producing
transient load rates above 1A/ns. High frequency capacitors
initially supply the transient and slow the current load rate
seen by the bulk capacitors. Effective Series Resistance
(ESR) and voltage rating are typically the prime consider-
ations for the bulk filter capacitors, rather than actual capaci-
tance requirements. High-frequency decoupling capacitors
should be placed as close to the power pins of the load as
physically possible. Be careful not to add inductance in the
circuit board wiring that could cancel the performance of
these low inductance components. Consult with the load
manufacturer on specific decoupling requirements. Use only
specialized low-ESR capacitors intended for switching-
regulator applications for the bulk capacitors. The bulk
capacitor’s ESR will determine the output ripple voltage and
the initial voltage drop after a high slew-rate transient. An
aluminum electrolytic capacitor’s ESR value is related to the
case size with lower ESR available in larger case sizes. How-
ever, the Equivalent Series Inductance (ESL) of these capac-
itors increases with case size and can reduce the usefulness
of the capacitor to high slew-rate transient loading. Unfortu-
nately, ESL is not a specified parameter. Work with your
capacitor supplier and measure the capacitor’s impedance
with frequency to select a suitable component. In most cases,
multiple electrolytic capacitors of small case size
perform better than a single large case capacitor.
Output Inductor (LOUT)
The output inductor is selected to meet the output voltage
ripple requirements and minimize the converter’s response
time to the load transient. The inductor value determines the
converter’s ripple current and the ripple voltage is a function
of the ripple current. The ripple voltage (
∆V) and current
(
∆I) are approximated by the following equations:
Increasing the inductance value reduces the ripple current
and voltage. However, a large inductance value reduces the
converter’s ability to quickly respond to a load transient. One
of the parameters limiting the converter’s response to a load
transient is the time required to change the inductor current.
Given a sufficiently fast control loop design, the FAN6520A
will provide either 0% or 100% duty cycle in response to a
load transient. The response time is the time required to
slew the inductor current from an initial current value to the
transient current level. During this interval the difference
between the inductor current and the transient current level
must be supplied by the output capacitor. Minimizing the
response time can minimize the output capacitance required.
Depending upon the whether there is a load application or a
load removal, the response time to a load transient (ISTEP) is
different. The following equations give the approximate
response time interval for application and removal of a
transient load:
where TRISE is the response time to the application of a
positive ISTEP, and TFALL is the response time to a load
removal (negative ISTEP). The worst case response time can
be either at the application or removal of load. Be sure to
check both of these equations at the minimum and maximum
output levels for the worst case response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic capaci-
tors for high-frequency decoupling and bulk capacitors to
supply the current needed each time Q1 turns on. Place the
small ceramic capacitors physically close to the MOSFETs
and between the drain of Q1 and the source of Q2. The
important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and the largest
100
80
60
40
20
0
-20
-40
-60
10
100
1K
10K
100K
FREQUENCY (Hz)
OPEN LOOP
ERROR AMP GAIN
COMPENSATION
GAIN
CLOSED LOOP
GAIN
MODULATOR
GAIN
20LOG
(VIN/DVOSC)
20LOG
(R2/R1)
FZ1 FZ2
FP1
FLC
FESR
FP2
1M
10M
∆I
V
IN
V
OUT
F
SW
L
×
------------------------------
=
∆V
ESR × ∆I
(1)
T
RISE
LI
STEP
×
V
IN
V
OUT
------------------------------
=
T
FALL
LI
STEP
×
V
OUT
------------------------
=


Similar Part No. - FAN6520AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520AM FAIRCHILD-FAN6520AM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AMX FAIRCHILD-FAN6520AMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com