Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5069MTCX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5069MTCX
Description  PWM and LDO Controller Combo
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5069MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
www.fairchildsemi.com
FAN5069 Rev. 1.1.0
Electrical Characteristics (Contd.)
Notes:
4. All limits at operating temperature extremes are guaranteed by design, characterization and statistical quality control.
5. AC specifications guaranteed by design/characterization (not production tested).
6. For a case when VCC is higher than the typical 5V VCC. Voltage observed at VCC pin when the internal shunt regulator is sinking
current to keep voltage on VCC pin constant.
7. Test Conditions: VLDO_IN = 1.5V and VLDO_OUT = 1.2V
Unless otherwise noted, VCC = 5V, TA = 25°C, using circuit in Figure 1.
The ‘
’ denotes that the specifications apply to the full ambient operating temperature range. See Notes 4 and 5.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Protection/Disable
ILIM
ILIMIT Source Current
9
10
11
μA
ISWPD
SW Pull-down Current
SW = 1V, EN = 0V
10
mA
VUV
SW Pull-down Current
As % of set point.
2
μS noise filter
65
75
80
%
VOV
Under-voltage Shutdown
As % of set point.
2
μS noise filter
110
115
120
%
Supply Current
Thermal Shutdown
160
°C
Enable Threshold Voltage
Enable Condition
2.0
V
Enable Threshold Voltage
Disable Condition
0.8
V
Enable Source Current
VCC = 5V
50
μA
LDO (See Note 7)
VLDOREF Reference Voltage (measured
at FBLDO pin)
TA = 0°C to 70°C
775
800
825
mV
TA = -40°C to 85°C
770
800
830
mV
Regulation
1.17
1.2
1.23
V
VLDO_DO Drop-out Voltage
0.3
V
External Gate Drive
VCC = 4.75V
4.5
V
VCC = 5.6V
5.3
V
Gate Drive Source Current
1.2
mA
Gate Drive Sink Current
400
μA
0A
I
LOAD
5A
≤≤
I
LOAD
5Aand R
DS ON
50m
Ω
<


Similar Part No. - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Similar Description - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com