Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55002IBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL55002IBZ
Description  High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002IBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL55002IBZ Datasheet HTML 3Page - Intersil Corporation ISL55002IBZ Datasheet HTML 4Page - Intersil Corporation ISL55002IBZ Datasheet HTML 5Page - Intersil Corporation ISL55002IBZ Datasheet HTML 6Page - Intersil Corporation ISL55002IBZ Datasheet HTML 7Page - Intersil Corporation ISL55002IBZ Datasheet HTML 8Page - Intersil Corporation ISL55002IBZ Datasheet HTML 9Page - Intersil Corporation ISL55002IBZ Datasheet HTML 10Page - Intersil Corporation ISL55002IBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN7497.1
July 15, 2005
FIGURE 17. COMMON-MODE REJECTION RATIO (CMRR)
FIGURE 18. POWER SUPPLY REJECTION RATIO (PSRR)
FIGURE 19. HARMONIC DISTORTION vs FREQUENCY
(AV = +1)
FIGURE 20. HARMONIC DISTORTION vs OUTPUT VOLTAGE
(AV = +2)
FIGURE 21. OUTPUT SWING vs FREQUENCY FOR VARIOUS
GAIN SETTINGS
FIGURE 22. OUTPUT SWING vs SUPPLY VOLTAGE FOR
VARIOUS GAIN SETTINGS
Typical Performance Curves
-20
-30
-40
-60
-80
-100
500K
1M
10M
40M
FREQUENCY (Hz)
VS=±15V
AV=+1
RF=0Ω
RL=500Ω
CL=5pF
VOUT=2VP-P
-50
-70
-90
THD
3RD HD
2ND HD
ISL55002, ISL55004


Similar Part No. - ISL55002IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55002IBZ INTERSIL-ISL55002IBZ Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002IBZ RENESAS-ISL55002IBZ Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IBZ-T13 INTERSIL-ISL55002IBZ-T13 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002IBZ-T13 RENESAS-ISL55002IBZ-T13 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IBZ-T7 INTERSIL-ISL55002IBZ-T7 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - ISL55002IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
EL2242D ELANTEC-EL2242D Datasheet
341Kb / 1P
   Dual Fast Single-Supply Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com