Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59445 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL59445
Description  1GHz Triple Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59445 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59445 Datasheet HTML 1Page - Intersil Corporation ISL59445 Datasheet HTML 2Page - Intersil Corporation ISL59445 Datasheet HTML 3Page - Intersil Corporation ISL59445 Datasheet HTML 4Page - Intersil Corporation ISL59445 Datasheet HTML 5Page - Intersil Corporation ISL59445 Datasheet HTML 6Page - Intersil Corporation ISL59445 Datasheet HTML 7Page - Intersil Corporation ISL59445 Datasheet HTML 8Page - Intersil Corporation ISL59445 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN7456.2
September 8, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital & Analog Input Current (Note 1) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . .2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, VIN = 1VP-P & RL = 500Ω to GND unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
IS Enabled
Enabled Supply Current (ISL59424)
No load, VIN = 0V, Enable low, IS+
353943
mA
No load, VIN = 0V, Enable low, IS-
-40
-36
-32
mA
Enabled Supply Current (ISL59445)
No load, VIN = 0V, Enable low, IS+
475360
mA
No load, VIN = 0V, Enable low, IS-
-57
-50
-44
mA
+IS Disabled
Disabled Supply Current
Enable High, IS+
234
mA
Enable High, IS--50
0
µA
Ib
Input Bias Current
VIN = 0
-3.4
-2.2
-1.4
µA
ITRI
Bias current into output, HIZ mode
ISL59424 - VOUT = +5V
8
15
22
µA
ISL59445 - VOUT = 0V
-35
0
35
µA
VOUT
Positive and Negative Output Swing
VIN = ±3.5V
±3.2
±3.4
V
IOUT
Output Current
RL = 10Ω to GND
±80
±130
mA
VOS
Offset Voltage
-13
3
13
mV
Rout
HIZ Output Resistance
HIZ = logic high
1.0
M
Rout
Enabled Output Resistance
HIZ = logic low
0.2
RIN
Input Resistance
VIN = ±3.5V
10
M
ACL or AV
Voltage Gain
VIN = ±1.5V
0.98
0.99
1.0
V/V
LOGIC
VIH
Input High Voltage (Logic Inputs)
2
V
VIL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
VH = 5V
235
270
320
µA
IIL
Input Low Current (Logic Inputs)
VL = 0V
1
3
µA
AC GENERAL
PSRR
Power Supply Rejection Ratio
(ISL59424)
DC, PSRR V+ & V- combined
60
73
dB
Power Supply Rejection Ratio
(ISL59445)
DC, PSRR V+ & V- combined
50
57
dB
ISO
Channel Isolation (ISL59424)
f = 10MHz, CL = 0.5pF, VIN = -6dBm
80
dB
Channel Isolation (ISL59445)
75
dB
ISL59424, ISL59445


Similar Part No. - ISL59445

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59445 RENESAS-ISL59445 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445 INTERSIL-ISL59445 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59445IRZ INTERSIL-ISL59445IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59445IRZ RENESAS-ISL59445IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445IRZ-EVAL INTERSIL-ISL59445IRZ-EVAL Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results

Similar Description - ISL59445

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com