Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8302IU-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL8302IU-T13
Description  500MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8302IU-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL8302IU-T13 Datasheet HTML 1Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 2Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 3Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 4Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 5Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 6Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 7Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 8Page - Intersil Corporation EL8302IU-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FIGURE 7. SMALL SIGNAL FREQUENCY RESPONSE vs CL
FIGURE 8. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 9. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 10. DISABLED OUTPUT ISOLATION FREQUENCY
RESPONSE
FIGURE 11. POWER SUPPLY REJECTION
RATIO vs FREQUENCY
FIGURE 12. SMALL SIGNAL BANDWIDTH vs
SUPPLY VOLTAGE
Typical Performance Curves (Continued)
5
3
1
-1
-3
-5
1M
10M
100M
1G
FREQUENCY (Hz)
CL=4.8pF
CL=1.5pF
VS=5V
AV=1
RL=1kΩ
VOP-P=200mV
4
2
0
-2
-4
CL=3.7pF
16
12
8
4
0
-4
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=2
RL=1kΩ
RF=RG=1kΩ
CL=28.5pF
CL=1.5pF
CL=20pF
CL=13.5pF
CL=10pF
10
2
-2
6
14
110
70
30
-10
-50
-90
1K
10K
1M
100M
1G
FREQUENCY (Hz)
RL=1kΩ
-45
405
315
225
135
45
100K
10M
RL=150Ω
RL=150Ω
RL=1kΩ
-10
-30
-50
-70
-90
-110
1K
10K
100K
100M
1G
FREQUENCY (Hz)
VS=5V
AV=1
RL=1kΩ
1M
10M
-10
-30
-50
-70
-90
-110
1K
10K
10M
100M
FREQUENCY (Hz)
100K
1M
PSRR-
PSRR+
550
400
350
500
200
150
3
3.5
4.5
5
5.5
VS (V)
RL=1kΩ
CL=1.5pF
AV=1
AV=2
450
300
250
4
100
EL8302


Similar Part No. - EL8302IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302IU-T13 RENESAS-EL8302IU-T13 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8302IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com