Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8302IU Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL8302IU
Description  500MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8302IU Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL8302IU Datasheet HTML 3Page - Intersil Corporation EL8302IU Datasheet HTML 4Page - Intersil Corporation EL8302IU Datasheet HTML 5Page - Intersil Corporation EL8302IU Datasheet HTML 6Page - Intersil Corporation EL8302IU Datasheet HTML 7Page - Intersil Corporation EL8302IU Datasheet HTML 8Page - Intersil Corporation EL8302IU Datasheet HTML 9Page - Intersil Corporation EL8302IU Datasheet HTML 10Page - Intersil Corporation EL8302IU Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FIGURE 19. HARMONIC DISTORTION vs FREQUENCY
FIGURE 20. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 21. CHANNEL SEPARATION vs FREQUENCY
FIGURE 22. LARGE SIGNAL TRANSIENT
RESPONSE - RISING
FIGURE 23. LARGE SIGNAL TRANSIENT
RESPONSE - FALLING
FIGURE 24. SMALL SIGNAL TRANSIENT REPONSE
Typical Performance Curves (Continued)
-50
-70
-90
-60
-100
140
FREQUENCY (MHz)
VS=5V
RL=1kΩ
CL=1.5pF
VO=1VP-P for AV=1
VO=2VP-P for AV=2
10
HD2@AV
=2
-80
HD2@AV=1
HD3@AV=2
HD3@
AV=1
1K
100
1
10
100
10K
100K
10M
FREQUENCY (Hz)
eN
10
1K
1M
IN+
IN-
0
-20
-40
-60
-80
-100
1.00E+05 1.00E+06
1.00E+07
1.00E+08
1.00E+09
FREQUENCY (Hz)
CH2-->CH3
-10
-30
-50
-70
-90
CH2-->CH1
CH2-->CH1
CH3-->CH2
CH1-->CH2
CH1<=>CH3
2ns/DIV
1.5
2.5
3.5
VS=5V, AV=1, RL=1kΩ TO 2.5V, CL=1.5pF
2ns/DIV
1.5
2.5
3.5
VS=5V, AV=1, RL=1kΩ to 2.5V, CL=1.5pF
VS=5V, AV=1, RL=1kΩ TO 2.5V, CL= 1.5pF
10ns/DIV
2.4
2.6
2.5
2.6
2.4
2.5
VOUT
VIN
EL8302


Similar Part No. - EL8302IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302IU RENESAS-EL8302IU Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IU-T13 RENESAS-EL8302IU-T13 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IU-T7 RENESAS-EL8302IU-T7 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IUZ RENESAS-EL8302IUZ Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IUZ-T13 RENESAS-EL8302IUZ-T13 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8302IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com