Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8178ISZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL8178ISZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8178ISZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL8178ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8178ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8178ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8178ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8178ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8178ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8178ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8178ISZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN7504.2
October 5, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Current into IN+, IN-, or ENABLE. . . . . . . . . . . . . . . . . . . . . . . . 5mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VS + 0.5V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . .-40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
Grade A
50
100
µV
Grade B
110
400
µV
Long Term Input Offset Voltage Stability
TBD
µV/Mo
Input Offset Drift vs Temperature
EL8178IW
1.9
µV/°C
EL8178IS
1.1
µV/°C
IB
Input Bias Current
150
pA
eN
Input Noise Voltage Density
fO = 1kHz
35
nV/
√Hz
CMIR
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Input Voltage Range
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
100
dB
PSRR
Power Supply Rejection Ratio
VS = 3.3V to 5V
80
100
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ
100
400
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ
15
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ
36
mV
Output low, RL = 1kΩ
130
200
mV
Output high, RL = 100kΩ
4.994
4.997
V
Output high, RL = 1kΩ
4.8
4.88
V
SR
Slew Rate
0.09
0.13
0.17
V/µs
GBW
Gain Bandwidth Product
fO = 100kHz
400
kHz
IS,ON
Supply Current, Enabled
40
50
75
µA
IS,OFF
Supply Current, Disabled
310
µA
IO+
Short Circuit Output Current
RL = 10Ω
18
31
mA
IO-
Short Circuit Output Current
RL = 10Ω
17
26
mA
VS
Minimum Supply Voltage
2.2
2.4
V
VINH
Enable Pin High Level
2V
VINL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.25
0.7
2
µA
IENL
Enable Pin Input Current
VEN = 0V
-0.5
0
+0.5
µA
∆V
OS
∆Time
------------------
∆V
OS
∆T
----------------
EL8178


Similar Part No. - EL8178ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178FIZ-T7 INTERSIL-EL8178FIZ-T7 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178FSZ INTERSIL-EL8178FSZ Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results

Similar Description - EL8178ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com