Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8178BIWZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL8178BIWZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8178BIWZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

  EL8178BIWZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8178BIWZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8178BIWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8178BIWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8178BIWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8178BIWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8178BIWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8178BIWZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN7504.2
October 5, 2005
Applications Information
Introduction
The EL8178 is a rail-to-rail input and output micro-power
precision single supply operational amplifier with an enable
feature. The device achieves rail-to-rail input and output
operation and eliminates the concerns introduced by a
conventional rail-to-rail I/O operational Amplifier.
Rail-to-Rail Input
The PFET input stage of the EL8178 has an input common-
mode voltage range that goes from negative supply to
positive supply without introducing offset errors or degrading
performance associated with a conventional rail-to-rail input
operational amplifier. Many rail-to-rail input stages use two
differential input pairs, a long-tail PNP (or PFET) and an
NPN (or NFET). Severe penalties have to be paid for this
topology. As the input signal moves from one supply rail to
another, the operational amplifier switches from one input
pair to the other causing drastic changes in input offset
voltage and an undesired change in magnitude and polarity
of input offset current.
The EL8178 achieves input rail-to-rail performance without
sacrificing important precision specifications and without
degrading distortion performance. The EL8178's input offset
voltage exhibits a smooth behavior throughout the entire
common-mode input range.
Rail-to-Rail Output
A pair of complementary MOSFET devices achieves rail-to-
rail output swing. The NMOS sinks current to swing the
output in the negative direction. The PMOS sources current
to swing the output in the positive direction. The EL8178 with
a 100k
Ω load will swing to within 3mV of the supply rails.
Enable/Disable Feature
The EL8178 offers an EN pin. The active low enable pin
disables the device when pulled up to at least 2.2V. Upon
disable the part consumes typically 3µA, while the output is
in a high impedance state. The EN also has an internal pull
down. If left open, the EN pin will pull to negative rail and the
device will be enabled by default. The high impedance at
output during disable allows multiple EL8178s to be
connected together as a MUX. The outputs are tied together
in parallel and a channel can be selected by the EN pin.
Typical Applications
FIGURE 17. PH PROBE AMPLIFIER
A general-purpose combination pH probe has extremely
high output impedance typically in the range of 10G
Ω to
12G
Ω. Low loss and expensive Teflon cables are often used
to connect the PH probe to the meter electronics. The above
circuit provides a low-cost alternative solution using the
EL8178 and a low-cost coax cable. The EL8178 PMOS high
impedance input senses the pH probe output signal and
buffers it to drive the coax cable. Its rail-to-rail input nature
also eliminates the need for a bias resistor network required
by other amplifiers in the same application.
FIGURE 18. THERMOCOUPLE AMPLIFIER
Thermocouples are the most popular temperature-sensing
device because of their low cost, interchangeability, and
ability to measure a wide range of temperatures. The
EL8178 is used to convert the differential thermocouple
voltage into single-ended signal with 10X gain. The
EL8178's rail-to-rail input characteristic allows the
thermocouple to be biased at ground and the converter to
run from a single 5V supply.
-
+
3V
+
V+
V-
EL8178
COAX
GENERAL
PURPOSE
COMBINATION
pH PROBE
-
+
5V
+
V+
V-
EL8178
K TYPE
THERMOCOUPLE
10k
R3
10k
R2
R4
100k
R1
100k
410µV/°C
EL8178


Similar Part No. - EL8178BIWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178FIZ-T7 INTERSIL-EL8178FIZ-T7 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178FSZ INTERSIL-EL8178FSZ Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results

Similar Description - EL8178BIWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com