Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9111IL Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL9111IL
Description  Triple Differential Receiver/Equalizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9111IL Datasheet(HTML) 5 Page - Intersil Corporation

  EL9111IL Datasheet HTML 1Page - Intersil Corporation EL9111IL Datasheet HTML 2Page - Intersil Corporation EL9111IL Datasheet HTML 3Page - Intersil Corporation EL9111IL Datasheet HTML 4Page - Intersil Corporation EL9111IL Datasheet HTML 5Page - Intersil Corporation EL9111IL Datasheet HTML 6Page - Intersil Corporation EL9111IL Datasheet HTML 7Page - Intersil Corporation EL9111IL Datasheet HTML 8Page - Intersil Corporation EL9111IL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7450.1
May 17, 2005
26
X2
Logic signal for x1/x2 output gain setting
X2
Logic signal for x1/x2 output gain setting
27
ENABLE
Chip enable logic signal
ENABLE
Chip enable logic signal
28
0V
0V reference for output voltage
0V
0V reference for output voltage
Pin Descriptions (Continued)
PIN
NUMBER
EL9111IL
PIN NAME
EL9111IL
PIN FUNCTION
EL9112IL
PIN NAME
EL9112IL
PIN FUNCTION
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE OF ALL CHANNELS
FIGURE 2. GAIN vs FREQUENCY ALL CHANNELS
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS VCTRL
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS VCTRL &
VGAIN
1M
10M
100M 200M
5
3
1
-1
-3
-5
X2=LOW
VGAIN=0V
VCTRL=0V
RLOAD=150Ω
FREQUENCY (Hz)
EL9111, EL9112


Similar Part No. - EL9111IL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9111IL INTERSIL-EL9111IL Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9111IL-T13 INTERSIL-EL9111IL-T13 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111IL-T13 INTERSIL-EL9111IL-T13 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
More results

Similar Description - EL9111IL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com