Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8302 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL8302
Description  500MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8302 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL8302 Datasheet HTML 4Page - Intersil Corporation EL8302 Datasheet HTML 5Page - Intersil Corporation EL8302 Datasheet HTML 6Page - Intersil Corporation EL8302 Datasheet HTML 7Page - Intersil Corporation EL8302 Datasheet HTML 8Page - Intersil Corporation EL8302 Datasheet HTML 9Page - Intersil Corporation EL8302 Datasheet HTML 10Page - Intersil Corporation EL8302 Datasheet HTML 11Page - Intersil Corporation EL8302 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FIGURE 25. OUTPUT SWING
FIGURE 26. OUTPUT SWING
FIGURE 27. ENABLED RESPONSES
FIGURE 28. DISABLED RESPONSE
FIGURE 29. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 30. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VS=5V, AV=5, RL=1kΩ TO 2.5V
2µs/DIV
0
2.5
5
VS=5V, AV=5, RL=1kΩ TO 2.5V
2µs/DIV
0
2.5
5
CH1, CH2, 1V/DIV, M=100ns
CH2
CH1
ENABLE
INPUT
VOUT
CH1, CH2, 0.5V/DIV, M=20ns
CH2
CH1
ENABLE
INPUT
VOUT
633mW
θ
JA =1
58°C
/W
QS
OP
16
1.2
1
0.8
0.6
0.4
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
θ
JA =
110
°C
/W
SO
16
(0.1
50”
)
909mW
893mW
θ
JA =1
12°C
/W
QS
OP
16
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
1.250W
θ
JA =
80°
C/W
SO
16
(0.1
50”
)
EL8302


Similar Part No. - EL8302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IS RENESAS-EL8302IS Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IS-T13 RENESAS-EL8302IS-T13 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302IS-T7 RENESAS-EL8302IS-T7 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
EL8302ISZ RENESAS-EL8302ISZ Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com