Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8108IL-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL8108IL-T7
Description  Video Distribution Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8108IL-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL8108IL-T7 Datasheet HTML 1Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 2Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 3Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 4Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 5Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 6Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 7Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 8Page - Intersil Corporation EL8108IL-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7417
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
EL8108
Video Distribution Amplifier
The EL8108 is a dual current feedback
operational amplifier designed for
video distribution solutions. This
device features a high drive capability of 450mA while
consuming only 5mA of supply current per amplifier and
operating from a single 5V to 12V supply.
The EL8108 is available in the industry standard 8-pin SO as
well as the thermally-enhanced 16-pin QFN package. Both
are specified for operation over the full -40°C to +85°C
temperature range. The EL8108 has control pins C0 and C1
for controlling the bias and enable/disable of the outputs.
The EL8108 is ideal for driving multiple video loads while
maintaining linearity.
Features
• Drives up to 450mA from a +12V supply
•20VP-P differential output drive into 100Ω
• -85dBc typical driver output distortion at full output at
150kHz
• -70dBc typical driver output distortion at 3.75MHz
• Low quiescent current of 5mA per amplifier
• 300MHz bandwidth
Applications
• Video distribution amplifiers
Pinouts
EL8108
(8-PIN SO)
TOP VIEW
EL8108
(16-PIN QFN)
TOP VIEW
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL8108IS
8-Pin SO
-
MDP0027
EL8108IS-T7
8-Pin SO
7”
MDP0027
EL8108IS-T13
8-Pin SO
13”
MDP0027
EL8108IL
16-Pin QFN
-
MDP0046
EL8108IL-T7
16-Pin QFN
7”
MDP0046
EL8108IL-T13
16-Pin QFN
13”
MDP0046
TABLE 1.
150
150
DIFF GAIN
DIFF PHASE
1
0
0.03
0.01
1
1
0.03
0.01
2
1
0.05
0.02
2
2
0.06
0.03
3
2
0.08
0.03
3
3
0.11
0.03
2
0
0.04
0.01
3
0
0.05
0.02
4
0
0.07
0.02
5
0
0.08
0.03
6
0
0.10
0.03
1
2
3
4
8
7
6
5
-
+
INB-
OUTB
INA-
INA+
GND
INB+
VS
OUTA
-
+
1
2
3
4
12
11
10
9
NC
INA-
INA+
GND
NC
INB-
INB+
C1
-
+
-
+
AMP A
AMP B
POWER
CONTROL
LOGIC
Data Sheet
June 7, 2004


Similar Part No. - EL8108IL-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8108IL-T7 INTERSIL-EL8108IL-T7 Datasheet
281Kb / 14P
   Video Distribution Amplifier
logo
Renesas Technology Corp
EL8108IL-T7 RENESAS-EL8108IL-T7 Datasheet
677Kb / 14P
   Video Distribution Amplifier
More results

Similar Description - EL8108IL-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
   Video Distribution Amplifier
logo
Intersil Corporation
EL2099 INTERSIL-EL2099 Datasheet
245Kb / 12P
   Video Distribution Amplifier
EL8108 INTERSIL-EL8108_08 Datasheet
281Kb / 14P
   Video Distribution Amplifier
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
   Video Distribution Amplifier
logo
Renesas Technology Corp
EL8108 RENESAS-EL8108 Datasheet
677Kb / 14P
   Video Distribution Amplifier
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
   VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
   Video Amplifier
March, 2016 ??Rev. 5
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
   Video amplifier
April 15, 1992
logo
Agamem Microelectronic ...
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
   VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com