Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7585ILZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL7585ILZ
Description  TFT-LCD Power Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7585ILZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL7585ILZ Datasheet HTML 7Page - Intersil Corporation EL7585ILZ Datasheet HTML 8Page - Intersil Corporation EL7585ILZ Datasheet HTML 9Page - Intersil Corporation EL7585ILZ Datasheet HTML 10Page - Intersil Corporation EL7585ILZ Datasheet HTML 11Page - Intersil Corporation EL7585ILZ Datasheet HTML 12Page - Intersil Corporation EL7585ILZ Datasheet HTML 13Page - Intersil Corporation EL7585ILZ Datasheet HTML 14Page - Intersil Corporation EL7585ILZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN7345.1
July 1, 2005
Cascaded MOSFET Application
A 20V N-channel MOSFET is integrated in the boost
regulator. For the applications where the output voltage is
greater than 20V, an external cascaded MOSFET is needed
as shown in Figure 22. The voltage rating of the external
MOSFET should be greater than VBOOST.
Linear-Regulator Controllers (VON, VLOGIC, and
VOFF)
The EL7585 includes three independent linear-regulator
controllers, in which two are positive output voltage (VON
and VLOGIC), and one is negative. The VON, VOFF, and
VLOGIC linear-regulator controller functional diagrams,
applications circuits are shown in Figures 23, 24, and 25
respectively.
Calculation of the Linear Regulator Base-Emitter
Resistors (RBL, RBP and RBN)
For the pass transistor of the linear regulator, low frequency
gain (Hfe) and unity gain freq. (fT) are usually specified in the
datasheet. The pass transistor adds a pole to the loop
transfer function at fp=fT/Hfe. Therefore, in order to maintain
phase margin at low frequency, the best choice for a pass
device is often a high frequency low gain switching
transistor. Further improvement can be obtained by adding a
base-emitter resistor RBE (RBP, RBL, RBN in the Functional
Block Diagram), which increase the pole frequency to:
fp=fT*(1+ Hfe *re/RBE)/Hfe, where re=KT/qIc. So choose the
lowest value RBE in the design as long as there is still
enough base current (IB) to support the maximum output
current (IC).
We will take as an example the VLOGIC linear regulator. If a
Fairchild FMMT549 PNP transistor is used as the external
pass transistor, Q5 in the application diagram, then for a
maximum VLOGIC operating requirement of 500mA the data
sheet indicates Hfe_min = 100.
The base-emitter saturation voltage is: Vbe_max = 1.25V
(note this is normally a Vbe ~ 0.7V, however, for the Q5
transistor an internal Darlington arrangement is used to
increase it's current gain, giving a 'base-emitter' voltage of
2xVBE).
(Note that using a high current Darlington PNP transistor for
Q5 requires that VIN > VLOGIC + 2V. Should a lower input
voltage be required, then an ordinary high gain PNP
transistor should be selected for Q5 so as to allow a lower
collector-emitter saturation voltage).
For the EL7585, the minimum drive current is:
I_DRVL_min = 8mA
The minimum base-emitter resistor, RBL, can now be
calculated as:
RBL_min = VBE_max/(I_DRVL_min - Ic/Hfe_min) =
1.25V/(8mA - 500mA/100) = 417
This is the minimum value that can be used - so, we now
choose a convenient value greater than this minimum value;
say 500
Ω. Larger values may be used to reduce quiescent
current, however, regulation may be adversely affected, by
supply noise if RBL is made too high in value.
EL7585
FB
LX
VBOOST
VIN
FIGURE 22. CASCADED MOSFET TOPOLOGY FOR HIGH
OUTPUT VOLTAGE APPLICATIONS
-
+
-
+
36V
ESD
CLAMP
GMP
LDO_ON
PG_LDOP
1: Np
FBP
DRVP
7k
RBP
VBOOST
0.1µF
0.1µF
CP (TO 36V)
20k
RP2
RP1
CON
VON (TO 35V)
LX
0.9V
Q3
FIGURE 23. VON FUNCTIONAL BLOCK DIAGRAM
EL7585


Similar Part No. - EL7585ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7585ILZ INTERSIL-EL7585ILZ Datasheet
738Kb / 19P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585ILZ RENESAS-EL7585ILZ Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585ILZ-T13 INTERSIL-EL7585ILZ-T13 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585ILZ-T13 RENESAS-EL7585ILZ-T13 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585ILZ-T7 INTERSIL-EL7585ILZ-T7 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
More results

Similar Description - EL7585ILZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com