Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7585IL-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7585IL-T7
Description  TFT-LCD Power Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7585IL-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7585IL-T7 Datasheet HTML 3Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 4Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 5Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 6Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 7Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 8Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 9Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 10Page - Intersil Corporation EL7585IL-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN7345.1
July 1, 2005
FIGURE 15. START-UP SEQUENCE
FIGURE 16. LX WAVEFORM - DISCONTINUOUS MODE
FIGURE 17. LX WAVEFORM - CONTINUOUS MODE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
VOFF
VON
VBOOST-DELAY
VLOGIC
TIME (10ms/DIV)
CDLY=220nF
VIN=5V
VOUT=13V
IOUT=30mA
TIME (400ns/DIV)
VIN=5V
VOUT=13V
IOUT=200mA
TIME (400ns/DIV)
JEDEC JESD51-3 AND SEMI G42-88
(SINGLE LAYER) TEST BOARD
0.8
0.7
0.5
0.3
0.2
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
0.6
0.4
θJA=140°C/W
QFN24
θJA=150°C/W
QFN16
667mW
714mW
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3
2.5
2
1.5
1
0.5
0
2.703W
2.500W
θJA=40°C/W
QFN16
θJA=37°C/W
QFN24
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
EL7585


Similar Part No. - EL7585IL-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7585ILZ INTERSIL-EL7585ILZ Datasheet
738Kb / 19P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585ILZ RENESAS-EL7585ILZ Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585ILZ-T13 INTERSIL-EL7585ILZ-T13 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585ILZ-T13 RENESAS-EL7585ILZ-T13 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585ILZ-T7 INTERSIL-EL7585ILZ-T7 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
More results

Similar Description - EL7585IL-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com