Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7571CM-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL7571CM-T13
Description  Programmable PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7571CM-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL7571CM-T13 Datasheet HTML 6Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 7Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 8Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 9Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 10Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 11Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 12Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 13Page - Intersil Corporation EL7571CM-T13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Input Capacitor, C1
In a buck converter, where the output current is greater than
10A, significant demand is placed on the input capacitor.
Under steady state operation, the high side FET conducts
only when it is switched “on” and conducts zero current when
it is turned “off”. The result is a current square wave drawn
from the input supply. Most of this input ripple current is
supplied from the input capacitor C1. The current flow
through C1’s equivalent series resistance (ESR) can heat up
the capacitor and cause premature failure. Maximum input
ripple current occurs when the duty cycle is 50%, a current
of IOUT/2 RMS.
Worst case power dissipation is:
where:
ERSIN = input capacitor ESR
For safe and reliable operation, PD must be less than the
capacitor’s data sheet rating.
Input Inductor, L2
The input inductor (L2) isolates switching noise from the
input supply line by diverting buck converter input ripple
current into the input capacitor. Buck regulators generate
high levels of input ripple current because the load is
connected directly to the supply through the top switch every
cycle, chopping the input current between the load current
and zero, in proportion to the duty cycle. The input inductor
is critical in high current applications where the ripple current
is similarly high. An exclusively large input inductor degrades
the converter’s load transient response by limiting the
maximum rate of change of current at the converter input. A
1.5µH input inductor is sufficient in most applications.
Output Capacitor, C2
During steady state operation, output ripple current is much
less than the input ripple current since current flow is
continuous, either via the top switch or the bottom switch.
Consequently, output capacitor power dissipation is less of a
concern than the input capacitor’s. However, low ESR is still
required for applications with very low output ripple voltage
or transient response requirements. Output ripple voltage is
given by:
where:
IRIP = output ripple current
ESROUT = output capacitor ESR
During a transient response, the output voltage spike is
determined by the ESR and the equivalent series inductance
(ESL) of the output capacitor in addition to the rate of change
and magnitude of the load current step. The output voltage
transient is given by:
where:
ESROUT = output capacitor ESR
ESL = output capacitor ESL
∆I
OUT = output current step
di/dt = rate of change of output current
Power MOSFET, Q1 and Q2
The EL7571 incorporates a boot-strap gate drive scheme to
allow the usage of N-channel MOSFETs. N-channel
MOSFETs are preferred because of their relative low cost
and low on resistance. The largest amount of the power loss
occurs in the power MOSFETs, thus low on resistance
should be the primary characteristic when selecting power
MOSFETs. In the boot-strap gate drive scheme, the gate
drive voltage can only go as high as the supply voltage,
therefore in a 5V system, the MOSFETs must be logic level
type, VGS<4.5V. In addition to on resistance and gate to
source threshold, the gate to source capacitance is also very
important. In the region when the output current is low
(below 5A), switching loss is the dominant factor. Switching
loss is determined by:
where:
C is the gate to source capacitance of the MOSFET
V is the supply voltage
F is the switching frequency
Another undesirable reason for a large MOSFET gate to
source capacitance is that the on resistance of the MOSFET
driver can not supply the peak current required to turn the
MOSFET on and off fast. This results in additional MOSFET
conduction loss. As frequency increases, this loss also
increases which leads to more power loss and lower
efficiency.
Finally, the MOSFET must be able to conduct the maximum
current and handle the power dissipation.
The EL7571 is designed to boot-strap to 12V for 12V only
input converters. In this application, logic level MOSFETs
are not required.
The following table below lists a few popular MOSFETs and
their critical specifications.
P
D
I
OUT
2
-------------


2
ESR
IN
=
V
RIP
I
RIP
ESR
OUT
×
=
∆V
OUT
ESR
OUT
∆I
OUT
ESL
d
i
d
t
-----
×
+
×



=
PC
V
2
F
×
×
=
EL7571


Similar Part No. - EL7571CM-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7571CM-T13 RENESAS-EL7571CM-T13 Datasheet
847Kb / 19P
   Programmable PWM Controller
More results

Similar Description - EL7571CM-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
   Programmable PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
   Programmable PWM Controller
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
ams AG
AS8846 AMSCO-AS8846 Datasheet
1Mb / 35P
   Programmable PWM DC Motor Driver / Controller
logo
Texas Instruments
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com