Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7564CM-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7564CM-T13
Description  Monolithic 4 Amp DC/DC Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7564CM-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL7564CM-T13 Datasheet HTML 5Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 6Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 7Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 8Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 9Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 10Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 11Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 12Page - Intersil Corporation EL7564CM-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7297.3
May 9, 2005
Block Diagram
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD. HTSSOP EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3.5
3
2.5
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
3.333W
125
85
2
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
85
0.8
0.5
0.7
125
909mW
DRIVERS
PWM
CONTROLLER
POWER
TRACKING
CURRENT
SENSE
VOLTAGE
REFERENCE
OSCILLATOR
2.2nF
0.22µF
22
STP
STN
CONTROLLER
SUPPLY
SGND
POWER
POWER
FET
FET
390pF
0.1µF
0.22µF
4.7µH
VOUT
2370
1k
330µF
VREF
COSC
VHI
VIN
PGND
VDD
VTJ
VDRV
FB
D1
EN
-
+
PG
VREF
100pF
JUNCTION
TEMPERATURE
EL7564


Similar Part No. - EL7564CM-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7564CM-T13 ELANTEC-EL7564CM-T13 Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7564CM-T13 RENESAS-EL7564CM-T13 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results

Similar Description - EL7564CM-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com