Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7562CU-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7562CU-T13
Description  Monolithic 2Amp DC-DC Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7562CU-T13 Datasheet(HTML) 7 Page - Intersil Corporation

  EL7562CU-T13 Datasheet HTML 1Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 2Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 3Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 4Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 5Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 6Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 7Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 8Page - Intersil Corporation EL7562CU-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Block Diagram
Applications Information
Circuit Description
General
The EL7562 is a fixed frequency, current mode controlled
DC-DC converter with integrated N-channel power
MOSFETs and a high precision reference. The device
incorporates all the active circuitry required to implement a
cost effective, user-programmable 2A synchronous step-
down regulator suitable for use in DSP core power supplies.
Theory of Operation
The EL7562 is composed of 5 major blocks:
1. PWM Controller
2. NMOS Power FETs and Drive Circuitry
3. Bandgap Reference
4. Oscillator
5. Thermal Shut-down
PWM Controller
The EL7562 regulates output voltage through the use of
current-mode controlled pulse width modulation. The three
main elements in a PWM controller are the feedback loop
and reference, a pulse width modulator whose duty cycle is
controlled by the feedback error signal, and a filter which
averages the logic level modulator output. In a step-down
(buck) converter, the feedback loop forces the time-
averaged output of the modulator to equal the desired output
voltage. Unlike pure voltage-mode control systems, current-
mode control utilizes dual feedback loops to provide both
output voltage and inductor current information to the
controller. The voltage loop minimizes DC and transient
errors in the output voltage by adjusting the PWM duty-cycle
in response to changes in line or load conditions. Since the
output voltage is equal to the time-averaged of the modulator
output, the relatively large LC time constant found in power
supply applications generally results in low bandwidth and
poor transient response. By directly monitoring changes in
inductor current via a series sense resistor the controller's
response time is not entirely limited by the output LC filter
and can react more quickly to changes in line and load
conditions. This feed-forward characteristic also simplifies
AC loop compensation since it adds a zero to the overall
loop response. Through proper selection of the current-
feedback to voltage-feedback ratio the overall loop response
Drivers
PWM
Controlle
Current
Sense
Junction
Temperature
Voltage
Reference
Oscillator
0.1µF
39
Controller
Supply
SGND
Power
Power
FET
FET
270pF
0.1µF
0.1µF
4.7µH
VOUT
2370
1k
100µF
VREF
COSC
VHI
VIN
PGND
VDD
VDRV
FB
EN
5V


Similar Part No. - EL7562CU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7562CU-T13 INTERSIL-EL7562CU-T13 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562CU-T13 RENESAS-EL7562CU-T13 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7562CU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com