Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7558BCM Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7558BCM
Description  Integrated Adjustable 8 Amp Synchronous Switcher
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7558BCM Datasheet(HTML) 2 Page - Intersil Corporation

  EL7558BCM Datasheet HTML 1Page - Intersil Corporation EL7558BCM Datasheet HTML 2Page - Intersil Corporation EL7558BCM Datasheet HTML 3Page - Intersil Corporation EL7558BCM Datasheet HTML 4Page - Intersil Corporation EL7558BCM Datasheet HTML 5Page - Intersil Corporation EL7558BCM Datasheet HTML 6Page - Intersil Corporation EL7558BCM Datasheet HTML 7Page - Intersil Corporation EL7558BCM Datasheet HTML 8Page - Intersil Corporation EL7558BCM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Supply (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Output Pins . . . . . . . . . . . . . . .-0.3V below GND, +0.3V above VDD
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 135°C
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9A
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = VIN = 5V, COSC = 1nF, CSLOPE = 470pF, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
IDD
VDD Supply Current
OUTEN = 4V, FOSC = 120kHz
11
25
mA
IDDOFF
VDD Standby Current
OUTEN = 0
0.1
mA
IVIN
VIN No Load Current
OUTEN = 0
3
5
mA
VOUT1
Output Initial Accuracy
VCC2DET = 4V, IL = 3A
3.450
3.500
3.550
V
VOUT2
Output Initial Accuracy
VCC2DET = 0V, IL = 3A R3 = 150
Ω,
R4 = 100
2.450
2.500
2.550
V
VOUTLINE
Output line Regulation
VDD = 5V, ±10%
-1
1
%
VOUTLOAD
Output Load Regulation
0A<ILOAD<6A, Relative to IL = 3A.
Continuous Mode of Operation
-1
1
%
RSHORT
Short Circuit Load Resistance
IL = 6A Prior to Continuous Application
of RSHORT. OUTEN Connected to OT.
100
m
II MAX
Current Limit
9A
VOUTTC
Output Tempco
-40°C<TA<85°C
±1
%
TOT
Over Temperature Threshold
135
°C
THYS
Over Temperature Hysteresis
40
°C
VPWRGD
Power Good Threshold Relative to
Programmed Output Voltage
VCC2SEL = 4V, VOUT = 3.50V
±6
±10
±14
%
VDDOFF
Minimum VDD for Shutdown
3.15
V
VDDON
Maximum VDD for Startup
4.15
V
VHYS
Input Hysteresis
VHYS = VDDON-VDDOFF
0.5
V
MSS
Soft start slope
7V/ns
DMAX
Maximum duty cycle
96
%
CONTROLLER - INPUTS
IPUP
VCC2DET, OUTEN Pull Up Current
VCC2DET, OUTEN = 0
10
14
18
µA
ICSLOPE
Cslope Charging Current
23
28.5
34
µA
IFB1
FB1 Input Pull Up Current
2µA
ROT
Over Temperature Pull Up Resistance
OT = 0V
30
40
50
k
VIH
VCC2DET, OUTEN Input High
4
V
VIL
VCC2DET, OUTEN Input Low
.8
V
VOH PWGD
Powergood Drive High
ILoad = 1mA
3.5
V
VOL PWGD
Powergood Drive Low
ILoad = -1mA
1.0
V
EL7558B


Similar Part No. - EL7558BCM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7558BCM ELANTEC-EL7558BCM Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558BCM-T13 ELANTEC-EL7558BCM-T13 Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
More results

Similar Description - EL7558BCM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7556BC ELANTEC-EL7556BC Datasheet
322Kb / 13P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com