Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7556BCM Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7556BCM
Description  Integrated Adjustable 6 Amp Synchronous Switcher
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7556BCM Datasheet(HTML) 5 Page - Intersil Corporation

  EL7556BCM Datasheet HTML 1Page - Intersil Corporation EL7556BCM Datasheet HTML 2Page - Intersil Corporation EL7556BCM Datasheet HTML 3Page - Intersil Corporation EL7556BCM Datasheet HTML 4Page - Intersil Corporation EL7556BCM Datasheet HTML 5Page - Intersil Corporation EL7556BCM Datasheet HTML 6Page - Intersil Corporation EL7556BCM Datasheet HTML 7Page - Intersil Corporation EL7556BCM Datasheet HTML 8Page - Intersil Corporation EL7556BCM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Typical Performance Curves (Continued)
10000
10
COSC (pF)
FOSC vs COSC
1000
100
10
1
100k
100
1k
20
490
510
520
Temperature (°C)
40
60
80
140
450
460
470
480
FOSC vs Temperature
100
500
120
50
75
-0.5
0.0
1.5
CSLOPE (pF)
0.5
1.0
100
125
150
175
VOUT vs CSLOPE
(VIN=5.0V, ILOAD=0.5A)
-3.0
-2.0
-1.5
-1.0
-2.5
1.0
1.5
0.5
1.0
1.5
VIDEAL (V)
2.0
2.5
3.0
4.0
VOUT Variation vs Programmed Output
Voltage [VIDEAL=(1+R3/R4)]
-1.5
-1.0
-0.5
0.0
3.5
50
75
0.4
0.5
0.8
CSLOPE (pF)
0.6
0.7
100
125
150
175
Line Regulation vs CSLOPE
VIN=VDD=5.0V ±10%
0.0
0.1
0.2
0.3
50
75
0.4
0.5
0.8
CSLOPE (pF)
0.6
0.7
100
125
150
175
Load Regulation vs CSLOPE
IOUT=3A, +3A, -2.5A
0.0
0.1
0.2
0.3
0
TA=25°C
IOUT=0.5A
IOUT=6A
TA=25°C
VIN=4.5V
VIN=5.5V
VIN=5V
TA=25°C
VOUT=1V
VOUT=3.5V
VOUT=2.5V
TA=25°C
C
SL
OP
E =1
00p
F
C
OS
C =2
20p
F
Loop Gain Induced Error
TA=25°C
VDD=4.5V
VDD=5.5V
VDD=5V
EL7556B


Similar Part No. - EL7556BCM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7556BCM ELANTEC-EL7556BCM Datasheet
322Kb / 13P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556BCM-T13 ELANTEC-EL7556BCM-T13 Datasheet
322Kb / 13P
   Integrated Adjustable 6 Amp Synchronous Switcher
More results

Similar Description - EL7556BCM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7556BC ELANTEC-EL7556BC Datasheet
322Kb / 13P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558B INTERSIL-EL7558B Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Murata Manufacturing Co...
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com