Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V208VP-10L Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M5V208VP-10L
Description  2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V208VP-10L Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M5V208VP-10L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V208VP-10L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V208VP-10L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V208VP-10L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V208VP-10L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V208VP-10L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V208VP-10L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI LSIs
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5V208FP,VP,RV,KV,KR -70L , -85L, -10L , -12L,
-70LL, -85LL, -10LL, -12LL
'97.3.21
4
(2) READ CYCLE
(3) WRITE CYCLE
Symbol
Parameter
tCR
Read cycle time
Address access time
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Symbol
Parameter
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Limits
ta(S1)
ta(S2)
ta(OE)
tdis(S1)
tdis(S2)
tdis(OE)
ten(S1)
ten(S2)
ten(OE)
tV(A)
ta(A)
Limits
-10L,LL
AC ELECTRICAL CHARACTERISTICS
(1) MEASUREMENT CONDITIONS
-12L,LL
Chip select 1 access time
Chip select 2 access time
Output enable access time
Output disable time after S1 high
Output disable time after S2 low
Output disable time after OE high
Output enable time after S1 low
Output enable time after S2 high
Output enable time after OE low
Data valid time after address
Max
Min
Max
Min
120
120
120
60
40
40
40
120
10
10
5
10
Write cycle time
Write pulse width
Address setup time
Address setup time with respect to W
Chip select 1 setup time
Chip select 2 setup time
Data setup time
Data hold time
Write recovery time
Output disable time from W low
Output disable time from OE high
Output enable time from W high
Output enable time from OE low
Max
35
35
Min
100
75
0
85
85
85
40
0
0
5
5
Max
40
40
Min
120
85
0
100
100
100
45
0
0
5
5
Vcc
2.7 ~ 3.6V
Input pulse level
VIH=2.2V,VIL=0.4V
Input rise and fall time
5ns
Reference level
VOH=VOL=1.5V
Output loads
Fig.1,CL=30pF
CL=5pF (for ten,tdis)
Transition is measured ±500mV from steady
state voltage. (for ten,tdis)
.................................
...............
.............
.....
...................
including
scope and JIG
1TTL
CL
DQ
Fig.1 Output load
85
10
10
5
10
Min
85
85
85
45
30
30
30
Max
70
10
10
5
10
Min
70
70
70
35
25
25
25
Max
-70L,LL
-85L,LL
-10L,LL
-12L,LL
-70L,LL
-85L,LL
30
30
Max
85
60
0
70
70
70
35
0
0
5
5
Min
25
25
Max
70
55
0
65
65
65
30
0
0
5
5
Min
tCW
tw(W)
tsu(A)
tsu(A-WH)
tsu(S1)
tsu(S2)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
ten(OE)
100
10
10
5
10
100
100
100
50
35
35
35
(Ta =0 ~ 70°C, Vcc= 2.7 ~ 3.6V, unless otherwise noted )


Similar Part No. - M5M5V208VP-10L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208VP-10L-W MITSUBISHI-M5M5V208VP-10L-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208VP-10LL-W MITSUBISHI-M5M5V208VP-10LL-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V208VP-10L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
   2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com