Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5018BMTCX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5018BMTCX
Description  6-Bit VID Controller 2-4 Phase VR10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5018BMTCX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5018BMTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
FAN5018B
PRODUCT SPECIFICATION
8
REV. 1.0.0 Jul/15/05
Internal Block Diagram
Phase
Current
Balancing
Circuit
VID
DAC
REF
Current
Limit
Circuit
Oscillator
UVLO
Shutdown
& Bias
11
28
19
13
14
CMP
Soft
Start
2/3/4 Phase Driver
Logic
EN
RESET
SET
RESET
RESET
RESET
CURRENT
LIMIT
CROWBAR
12
CMP
CMP
CMP
CSA
Error
Amp
24
25
26
27
20
21
22
23
+
-
15
7
6
5
4
3
2
1
18
16
17
10
EN
8
9
DELAY
VID4 VID3 VID2
VID1 VID0 VID5
COMP
PWRGD
EN
RT
FBRTN
FB
RAMPADJ
CSCOMP
CSSUM
VCC
SW2
SW3
PWM3
PWM4
PWM1
GND
ILIMIT
CSREF
SW1
PWM2
SW4
Delay
CMP
CMP
DAC
-250mV
CSREF
DAC
+150mV
2K
3.75V
Sel VRM9 Table


Similar Part No. - FAN5018BMTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019MTC FAIRCHILD-FAN5019MTC Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTCX FAIRCHILD-FAN5019MTCX Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
More results

Similar Description - FAN5018BMTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com