Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2558 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN2558
Description  180mA Low Voltage CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2558 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN2558 Datasheet HTML 1Page - Fairchild Semiconductor FAN2558 Datasheet HTML 2Page - Fairchild Semiconductor FAN2558 Datasheet HTML 3Page - Fairchild Semiconductor FAN2558 Datasheet HTML 4Page - Fairchild Semiconductor FAN2558 Datasheet HTML 5Page - Fairchild Semiconductor FAN2558 Datasheet HTML 6Page - Fairchild Semiconductor FAN2558 Datasheet HTML 7Page - Fairchild Semiconductor FAN2558 Datasheet HTML 8Page - Fairchild Semiconductor FAN2558 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
REV. 1.0.4 3/15/04
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
Pin Assignments
Pin Descriptions
Pin no.
Pin Name
FAN2558
FAN2558ADJ
FAN2559
5SOT-23
2x2mm MLP-6
6SOT-23
2x2mm MLP-6
6SOT-23
2x2mm MLP-6
1VIN
VOUT
VIN
VOUT
VIN
VOUT
2
GND.
NC
GND.
ADJ
GND.
BYP
3EN
PG
EN
PGENPG
4PG
EN
PG
ENPGEN
5VOUT
GND
ADJ
GND
BYP
GND
6VIN
VOUT
VIN
VOUT
VIN
Symbol
Pin Function Description
VIN
Power Supply Input
VOUT
Regulated Voltage Output
GND
Ground Connection
PG
Power Good Output, Open Drain
ADJ
Ratio of potential divider from Vout to ADJ determines output voltage
BYP
Reference Noise Bypass
EN
Chip Enable Input. The regulator is fully enabled when TTL “H” is applied to this input. The regulator
enters into shutdown mode when TTL “L” is applied to this input.
FAN2558
5-Lead SOT-23 PACKAGE
GND
V
IN
EN
PG
VOUT
1
2
34
5
FAN2558/FAN2558ADJ/FAN2559
2x2mm MLP-6 PACKAGE
V
OUT
PG
NC/ADJ/BYP
GND
V
IN
EN
FAN2558ADJ/FAN2559
6-Lead SOT-23 PACKAGE
GND
V
IN
EN
ADJ/BYP
PG
VOUT
1
2
34
5
6
TOP-VIEW
1
2
3
6
5
4


Similar Part No. - FAN2558

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP10X ONSEMI-FAN2558MP10X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP12X ONSEMI-FAN2558MP12X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP13X ONSEMI-FAN2558MP13X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP15X ONSEMI-FAN2558MP15X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
More results

Similar Description - FAN2558

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com