Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2480CSZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2480CSZ-T7
Description  250MHz/3mA Current Mode Feedback Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2480CSZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL2480CSZ-T7 Datasheet HTML 1Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 2Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 3Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL2480CSZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Typical Performance Curves
Non-Inverting Frequency
Response (Gain)
Non–Inverting Frequency
Response (Phase)
Frequency Response
for Various RF and RG
Inverting Frequency
Response (Gain)
Inverting Frequency
Response (Phase)
Frequency Response
for Various RL and CL
Frequency Response for
Various CIN-
PSRR and CMRR
vs Frequency
Transimpedance (ROL) vs
Frequency
EL2480


Similar Part No. - EL2480CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2480CSZ-T7 RENESAS-EL2480CSZ-T7 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
More results

Similar Description - EL2480CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com