Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4016J Datasheet(PDF) 10 Page - ON Semiconductor

Part # 74HC4016J
Description  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC4016J Datasheet(HTML) 10 Page - ON Semiconductor

Back Button 74HC4016J Datasheet HTML 3Page - ON Semiconductor 74HC4016J Datasheet HTML 4Page - ON Semiconductor 74HC4016J Datasheet HTML 5Page - ON Semiconductor 74HC4016J Datasheet HTML 6Page - ON Semiconductor 74HC4016J Datasheet HTML 7Page - ON Semiconductor 74HC4016J Datasheet HTML 8Page - ON Semiconductor 74HC4016J Datasheet HTML 9Page - ON Semiconductor 74HC4016J Datasheet HTML 10Page - ON Semiconductor 74HC4016J Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC54/74HC4016
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
10
OUTLINE DIMENSIONS
J SUFFIX
CERAMIC DIP PACKAGE
CASE 632–08
ISSUE Y
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
F
G
J
K
L
M
N
0.785
0.280
0.200
0.020
0.065
0.015
0.170
15
°
0.040
0.750
0.245
0.155
0.015
0.055
0.008
0.125
0
°
0.020
19.94
7.11
5.08
0.50
1.65
0.38
4.31
15
°
1.01
19.05
6.23
3.94
0.39
1.40
0.21
3.18
0
°
0.51
0.100 BSC
0.300 BSC
2.54 BSC
7.62 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMESNION F MAY NARROW TO 0.76 (0.030)
WHERE THE LEAD ENTERS THE CERAMIC
BODY.
14
8
1
7
-A-
-B-
-T-
SEATING
PLANE
F
G
N
K
C
L
M
0.25 (0.010)
T
A
M
S
0.25 (0.010)
T
B
M
S
J 14 PL
D 14 PL
N SUFFIX
PLASTIC DIP PACKAGE
CASE 646–06
ISSUE L
NOTES:
1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE
POSITION AT SEATING PLANE AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
4. ROUNDED CORNERS OPTIONAL.
1
7
14
8
B
A
F
H
G
D
K
C
N
L
J
M
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
0.300 BSC
7.62 BSC
M
0
10
0
10
N
0.015
0.039
0.39
1.01
_
_
_
_
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.228
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
P 7 PL
G
C
K
SEATING
PLANE
D 14 PL
M
J
R X 45
°
1
7
8
14
0.25 (0.010)
T
B
A
M
S
S
B
0.25 (0.010) M
M
F


Similar Part No. - 74HC4016J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74HC4016J NSC-74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
More results

Similar Description - 74HC4016J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com