Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4452 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL4452
Description  Wideband Variable-Gain Amplifier with Gain of 10
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4452 Datasheet(HTML) 4 Page - Intersil Corporation

  EL4452 Datasheet HTML 1Page - Intersil Corporation EL4452 Datasheet HTML 2Page - Intersil Corporation EL4452 Datasheet HTML 3Page - Intersil Corporation EL4452 Datasheet HTML 4Page - Intersil Corporation EL4452 Datasheet HTML 5Page - Intersil Corporation EL4452 Datasheet HTML 6Page - Intersil Corporation EL4452 Datasheet HTML 7Page - Intersil Corporation EL4452 Datasheet HTML 8Page - Intersil Corporation EL4452 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Typical Performance Curves
Frequency Response for Various
Feedback Divider Ratios
Frequency Response for
Various Gains
Frequency Response for
Various RL, CL, VS = ±5V
Frequency Response for
Various RL, CL, VS = ±15V
-3dB Bandwidth vs. Supply Voltage
-3dB Bandwidth vs. Die
Temperature
EL4452


Similar Part No. - EL4452

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
   Wideband Variable-Gain Amplifier with Gain of 10
EL4452CN ELANTEC-EL4452CN Datasheet
270Kb / 12P
   Wideband Variable-Gain Amplifier with Gain of 10
EL4452CS ELANTEC-EL4452CS Datasheet
270Kb / 12P
   Wideband Variable-Gain Amplifier with Gain of 10
More results

Similar Description - EL4452

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
   Wideband Variable-Gain Amplifier with Gain of 10
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
   Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
   Variable-Gain Ultra-Wideband Voltage Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com