Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4451CN Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL4451CN
Description  Wideband Variable-Gain Amplifier, Gain of 2
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4451CN Datasheet(HTML) 5 Page - Intersil Corporation

  EL4451CN Datasheet HTML 1Page - Intersil Corporation EL4451CN Datasheet HTML 2Page - Intersil Corporation EL4451CN Datasheet HTML 3Page - Intersil Corporation EL4451CN Datasheet HTML 4Page - Intersil Corporation EL4451CN Datasheet HTML 5Page - Intersil Corporation EL4451CN Datasheet HTML 6Page - Intersil Corporation EL4451CN Datasheet HTML 7Page - Intersil Corporation EL4451CN Datasheet HTML 8Page - Intersil Corporation EL4451CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Typical Performance Curves (Continued)
Common-Mode
Rejection Ratio
vs Frequency
Input Voltage Noise
vs Frequency
Nonlinearity vs
Input Signal Differential Gain
Differential Gain Error
vs Input Offset Voltage
VS = ±5V or ±12V
Differential Phase Error
vs Input Offset Voltage
VS = ±5V
Differential Phase Error
vs Input Offset Voltage
VS = ±12V
Differential Gain
and Phase Errors
vs Gain Setting
Differential Gain
and Phase Errors
vs Load Resistance
EL4451


Similar Part No. - EL4451CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4451CN ELANTEC-EL4451CN Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
More results

Similar Description - EL4451CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
   Wideband Variable-Gain Amplifier with Gain of 10
logo
Intersil Corporation
EL4452 INTERSIL-EL4452 Datasheet
167Kb / 10P
   Wideband Variable-Gain Amplifier with Gain of 10
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
   Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com