Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4430CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4430CS
Description  Video Instrumentation Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4430CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL4430CS Datasheet HTML 1Page - Intersil Corporation EL4430CS Datasheet HTML 2Page - Intersil Corporation EL4430CS Datasheet HTML 3Page - Intersil Corporation EL4430CS Datasheet HTML 4Page - Intersil Corporation EL4430CS Datasheet HTML 5Page - Intersil Corporation EL4430CS Datasheet HTML 6Page - Intersil Corporation EL4430CS Datasheet HTML 7Page - Intersil Corporation EL4430CS Datasheet HTML 8Page - Intersil Corporation EL4430CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Test Circuit
Closed-Loop AC Electrical Specifications
Power supplies at ±12V, TA = 25°C, RL = 500Ω for the EL4430, RL = 150Ω for the
EL4431, CL = 15pF. For the EL4431, RF = RG = 500Ω.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW, -3dB
-3dB small-signal bandwidth
EL4430
82
MHz
EL4431
80
MHz
BW, ±0.1dB
0.1dB flatness bandwidth
EL4430
20
MHz
EL4431
14
MHz
Peaking
Frequency response peaking
EL4430
0.6
dB
EL4431
1.0
dB
SR
Slew rate, VOUT between -2V and +2V
380
V/µs
VN
Input-referred noise voltage density
26
nV/
√Hz
dG
Differential gain error, Voffset between
-0.7V and +0.7V
EL4430
0.02
%
EL4431, RL = 150Ω
0.04
%
d
θ
Differential gain error, Voffset between
-0.7V and +0.7V
EL4430
0.02
(°)
EL4431, RL = 150Ω
0.08
(°)
TS
Settling time, to 0.1% from a 4V step
EL4430
48
ns
EL4430, EL4431


Similar Part No. - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4430CS ELANTEC-EL4430CS Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
More results

Similar Description - EL4430CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
Texas Instruments
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA332 TI1-INA332 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com