Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4393CM Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL4393CM
Description  Triple 80MHz Video Amplifier w/Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4393CM Datasheet(HTML) 7 Page - Intersil Corporation

  EL4393CM Datasheet HTML 1Page - Intersil Corporation EL4393CM Datasheet HTML 2Page - Intersil Corporation EL4393CM Datasheet HTML 3Page - Intersil Corporation EL4393CM Datasheet HTML 4Page - Intersil Corporation EL4393CM Datasheet HTML 5Page - Intersil Corporation EL4393CM Datasheet HTML 6Page - Intersil Corporation EL4393CM Datasheet HTML 7Page - Intersil Corporation EL4393CM Datasheet HTML 8Page - Intersil Corporation EL4393CM Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
pins. The ground plane should be underneath the package,
but cut away from the In- inputs. Care should be taken with
the center channel feedback—it must be kept away from any
of the In+ or In- pins, if it has to go under the package. Route
the G-out line between the pin 3 ground and the pin 4 In- if
going under the package is essential. Otherwise, loop the G-
out trace around all the other circuitry, to its Rf resistor. The
Rf and if used, Rg resistors should be on the input side of the
package, to minimize trace length on the In- pins.
The digital input disables are on the output side of the pack-
age, so that a good ground plane down the center of the
board underneath the package will isolate any fast edges
from the sensitive inputs.
TYPICAL APPLICATION CIRCUIT
EL4393


Similar Part No. - EL4393CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4393CM ELANTEC-EL4393CM Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
More results

Similar Description - EL4393CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
   Triple Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com