Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4393CM Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4393CM
Description  Triple 80MHz Video Amplifier w/Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4393CM Datasheet(HTML) 3 Page - Intersil Corporation

  EL4393CM Datasheet HTML 1Page - Intersil Corporation EL4393CM Datasheet HTML 2Page - Intersil Corporation EL4393CM Datasheet HTML 3Page - Intersil Corporation EL4393CM Datasheet HTML 4Page - Intersil Corporation EL4393CM Datasheet HTML 5Page - Intersil Corporation EL4393CM Datasheet HTML 6Page - Intersil Corporation EL4393CM Datasheet HTML 7Page - Intersil Corporation EL4393CM Datasheet HTML 8Page - Intersil Corporation EL4393CM Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
NOTES:
1. Test fixture was designed to minimize capacitance at the IN+ input. A “good” fixture should have less than 2pF of stray capacitance to ground at
this very sensitive pin. See application notes for further details.
2. RL = 300Ω, -5V to +5V swing, SR measured at 20% to 80%
3. -2V to +2V swing, SR measured at 20% to 80%.
4. RL = 300Ω.
5. DC offset from -0.7V through +0.7V AC amplitude is 286mVP-P, equivalent to 40 ire.
AC Electrical Specifications
Supplies at ±15V, Load = 150
Ω and 15pF, except where noted. Rf1 and Rf2 = 1500Ω; A
V = 2,
TA = 25°C.(Note 1)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
SR
Slew Rate (Note 2)
960
V/µs
SR
Slew Rate w/±5V Supplies (Note 3)
470
V/µs
tS
Settling Time to 1% 5VP-P 5V Step (Note 4)
32
ns
BW
Bandwidth, -3dB
±5V Supplies, -3dB
80
60
MHz
MHz
BW
Bandwidth, -0.1dB
±5V Supplies, -0.1dB
16
21
MHz
MHz
Peaking
-3dB BW Tests
0.6
dB
dG
Differential Gain at 3.58MHz
at ±5V Supplies (Note 5)
0.03
0.30
%
%
d
θ
Differential Phase at 3.58MHz
at ±5V Supplies (Note 5)
0.088
0.096
(°)
(°)
EL4393


Similar Part No. - EL4393CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4393CM ELANTEC-EL4393CM Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
More results

Similar Description - EL4393CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
   Triple Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com