Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2410CN Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2410CN
Description  Low Cost, Dual, Triple and Quad Video Op Amps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2410CN Datasheet(HTML) 5 Page - Intersil Corporation

  EL2410CN Datasheet HTML 1Page - Intersil Corporation EL2410CN Datasheet HTML 2Page - Intersil Corporation EL2410CN Datasheet HTML 3Page - Intersil Corporation EL2410CN Datasheet HTML 4Page - Intersil Corporation EL2410CN Datasheet HTML 5Page - Intersil Corporation EL2410CN Datasheet HTML 6Page - Intersil Corporation EL2410CN Datasheet HTML 7Page - Intersil Corporation EL2410CN Datasheet HTML 8Page - Intersil Corporation EL2410CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Simplified Block Diagram
CS
Channel Separation
P = 5MHz
55
dB
NOTES:
1. For VS = ±5V, VOUT = 4 VPP. Full power bandwidth is based on slew rate measurement using: FPBW = SR/(2pi * Vpeak)
2. Video performance measured at VS = ±5V, AV = +2 with 2 times normal video level across RL = 150Ω
EL2210, EL2310, EL2410 - Closed-Loop AC Characteristics
VS = ±5V, AC Test Figure 1,TA = 25°C unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL2211, EL2311, EL2411 - Closed-Loop AC Characteristics
VS = ±5V, AC Test Figure 1, TA = 25°C unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 0.4VPP)AV = +2
100
MHz
BW
±0.1dB Bandwidth (VOUT = 0.4VPP)AV = +2
8
MHz
GBWP
Gain Bandwidth Product
130
MHz
PM
Phase Margin
60
°C
SR
Slew Rate
100
140
V/µs
FBWP
Full Power Bandwidth (Note 1)
8
11
MHz
tR, tF
Rise Time, Fall Time
0.1V Step
2.5
ns
OS
Overshoot
0.1V Step
6
%
tPD
Propagation Delay
3.5
ns
tS
Settling to 0.1% (AV = 1)
VS = ±5V, 2V Step
80
ns
dG
Differential Gain (Note 2)
NTSC/PAL
0.04
%
dP
Differential Phase (Note 2)
NTSC/PAL
0.15
°C
eN
Input Noise Voltage
10kHz
15
nV/
√Hz
iN
Input Noise Current
10kHz
1.5
pA/
√Hz
CS
Channel Separation
P = 5MHz
55
dB
NOTES:
1. For VS = ±5V, VOUT = 4 VPP. Full power bandwidth is based on slew rate measurement using: FPBW = SR/(2pi * Vpeak)
2. Video performance measured at VS = ±5V, AV = +2 with 2 times normal video level across RL = 150Ω.
EL2210/11, EL2310/11, EL2410/11


Similar Part No. - EL2410CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2410CN ELANTEC-EL2410CN Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results

Similar Description - EL2410CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Maxim Integrated Produc...
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com