Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2257CS-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2257CS-T13
Description  125MHz Single Supply, Clamping Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2257CS-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2257CS-T13 Datasheet HTML 6Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 7Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 8Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 9Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 10Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 11Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 12Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 13Page - Intersil Corporation EL2257CS-T13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Typical Performance Curves (Continued)
Clamp Accuracy RL = 150Ω
Clamp Accuracy RL = 1kΩ
Clamp Accuracy RL = 10kΩ
Enable Response for a Family of DC Inputs
Disable Response for a Family of DC Inputs
Disable/Enable Response for a Family of Sine Waves
OFF Isolation
EL2257 Channel to Channel
Isolation vs Frequency
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity Test
Board
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
255075
100
125
150
85
Ambient Temperature (°C)
1.042W
1.54W
SO
14
(0.1
50”
)
θ
JA =1
20°C
/W
PD
IP
14
θ
JA =
81
°C
/W
EL2257


Similar Part No. - EL2257CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2257CS ELANTEC-EL2257CS Datasheet
1Mb / 21P
   125 MHz Single Supply, Clamping Op Amps
More results

Similar Description - EL2257CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2150C ELANTEC-EL2150C Datasheet
488Kb / 20P
   125 MHz Single Supply, Clamping Op Amps
EL2257C ELANTEC-EL2257C Datasheet
1Mb / 21P
   125 MHz Single Supply, Clamping Op Amps
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
   Precision, Single Supply Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com