Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2160 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2160
Description  180MHz Current Feedback Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2160 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2160 Datasheet HTML 3Page - Intersil Corporation EL2160 Datasheet HTML 4Page - Intersil Corporation EL2160 Datasheet HTML 5Page - Intersil Corporation EL2160 Datasheet HTML 6Page - Intersil Corporation EL2160 Datasheet HTML 7Page - Intersil Corporation EL2160 Datasheet HTML 8Page - Intersil Corporation EL2160 Datasheet HTML 9Page - Intersil Corporation EL2160 Datasheet HTML 10Page - Intersil Corporation EL2160 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Performance Curves (Continued)
Offset Voltage
vs Die Temperature
(4 Samples)
Supply Current
vs Die Temperature
Supply Current
vs Supply Voltage
+Input Resistance
vs Die Temperature
Input Current
vs Die Temperature
+Input Bias Current
vs Input Voltage
Output Voltage Swing
vs Die Temperature
Short Circuit Current
vs Die Temperature
PSRR & CMRR
vs Die Temperature
EL2160


Similar Part No. - EL2160

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
EL2160CM ELANTEC-EL2160CM Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
EL2160CM-T13 ELANTEC-EL2160CM-T13 Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
EL2160CN ELANTEC-EL2160CN Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results

Similar Description - EL2160

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com