Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2160 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2160
Description  180MHz Current Feedback Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2160 Datasheet(HTML) 3 Page - Intersil Corporation

  EL2160 Datasheet HTML 1Page - Intersil Corporation EL2160 Datasheet HTML 2Page - Intersil Corporation EL2160 Datasheet HTML 3Page - Intersil Corporation EL2160 Datasheet HTML 4Page - Intersil Corporation EL2160 Datasheet HTML 5Page - Intersil Corporation EL2160 Datasheet HTML 6Page - Intersil Corporation EL2160 Datasheet HTML 7Page - Intersil Corporation EL2160 Datasheet HTML 8Page - Intersil Corporation EL2160 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
NOTES:
1. All AC tests are performed on a “warmed up” part, except for Slew Rate, which is pulse tested
2. Slew Rate is with VOUT from +10V to -10V and measured at the 25% and 75% points
3. DC offset from -0.714V through +0.714V, AC amplitude 286mVP-P, f = 3.58MHz
Closed-Loop AC Electrical Specifications
VS = ±15V, AV = +2, RF = 560Ω, RL = 150Ω, TA = 25°C unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
BW
-3dB Bandwidth (Note 1)
VS = ±15V, AV = +2
130
MHz
VS = ±15V, AV = +1
180
MHz
VS = ±5V, AV = +2
100
MHz
VS = ±5V, AV = +1
110
MHz
SR
Slew Rate (Note 1)(Note 2)
RL = 400Ω
1000
1500
V/µs
RF = 1kΩ, RG = 110Ω
RL = 400Ω
1500
V/µs
tR, tF
Rise Time, Fall Time (Note 1)
VOUT = ±500mV
2.7
ns
tPD
Propagation Delay (Note 1)
3.2
ns
OS
Overshoot (Note 1)
VOUT = ±500mV
0
%
tS
0.1% Settling Time (Note 1)
VOUT = ±10V
AV = -1, RL = 1k
35
ns
dG
Differential Gain (Note 1)(Note 3)
RL = 150Ω
0.025
%
RL = 500Ω
0.006
%
dP
Differential Phase (Note 1)(Note 3)
RL = 150Ω
0.1
°
RL = 500Ω
0.005
°
EL2160


Similar Part No. - EL2160

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
EL2160CM ELANTEC-EL2160CM Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
EL2160CM-T13 ELANTEC-EL2160CM-T13 Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
EL2160CN ELANTEC-EL2160CN Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results

Similar Description - EL2160

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com