Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2142 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2142
Description  Differential Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2142 Datasheet(HTML) 2 Page - Intersil Corporation

  EL2142 Datasheet HTML 1Page - Intersil Corporation EL2142 Datasheet HTML 2Page - Intersil Corporation EL2142 Datasheet HTML 3Page - Intersil Corporation EL2142 Datasheet HTML 4Page - Intersil Corporation EL2142 Datasheet HTML 5Page - Intersil Corporation EL2142 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FN7049.1
February 11, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VCC–VEE) . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Recommended Operating Temperature . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VCC = +5V, VEE = -5V, TEE = 25°C, VIN= 0V, RL = 100, unless otherwise specified
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
VSUPPLY
Supply Operating Range (VCC-VEE)
±3.0
±5.0
±6.3
V
IS
Power Supply Current (no load)
11
14
mA
VOS
Input Referred Offset Voltage
-25
10
40
mV
IIN
Input Bias Current (VIN, VINB, VREF)-20
6
20
µA
ZIN
Differential Input Resistance
400
k
CIN
Differential Input Capacitance
1
pF
VDIFF
Differential Input Range
±2.0
±2.3
V
AVOL
Open Loop Voltage Gain
75
dB
VIN
Input Common Mode Voltage Range
-2.6
+4.0
V
VOUT
Output Voltage Swing (50
Ω load to GND)
±2.9
±3.1
V
IOUT(min)
Minimum Output Current
50
60
mA
VN
Input Referred Voltage Noise
36
nV/
√Hz
VREF
Output Voltage Control Range
-2.5
+3.3
V
PSRR
Power Supply Rejection Ratio
60
70
dB
CMRR2
Input Common Mode Rejection Ratio (VIN= ±2V)
60
70
dB
CMRR1
Input Common Mode Rejection Ratio (full VIN range)
50
60
dB
AC Electrical Specifications
VCC = +5V, VEE = -5V, TA = 25C, VIN = 0V, RLOAD = 100, unless otherwise specified
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW(-3dB)
-3dB Bandwidth (Gain =1)
150
MHz
SR
Slewrate
400
V/µs
TSTL
Settling time to 1%
15
ns
GBWP
Gain bandwidth product
200
MHz
VREFBW(-3dB)
VREF -3dB Bandwidth
130
MHz
VREFSR
VREF Slewrate
100
V/µsec
dG
Differential gain at 3.58MHz
0.2
%
d
θ
Differential phase at 3.58MHz
0.2
°
EL2142


Similar Part No. - EL2142

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2142 RENESAS-EL2142 Datasheet
454Kb / 6P
   Differential Line Receiver
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
EL2142CN ELANTEC-EL2142CN Datasheet
163Kb / 8P
   Differential Line Receiver
EL2142CS ELANTEC-EL2142CS Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Renesas Technology Corp
EL2142CS RENESAS-EL2142CS Datasheet
454Kb / 6P
   Differential Line Receiver
More results

Similar Description - EL2142

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
IK Semicon Co., Ltd
IL34C86 IKSEMICON-IL34C86 Datasheet
144Kb / 6P
   Differential line receiver
logo
Renesas Technology Corp
EL2142 RENESAS-EL2142 Datasheet
454Kb / 6P
   Differential Line Receiver
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Texas Instruments
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
   Hex Differential Line Receiver
March, 2000 ??Rev. 3
logo
Texas Instruments
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com