Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2130CN Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2130CN
Description  85MHz Current Feedback Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2130CN Datasheet(HTML) 4 Page - Intersil Corporation

  EL2130CN Datasheet HTML 1Page - Intersil Corporation EL2130CN Datasheet HTML 2Page - Intersil Corporation EL2130CN Datasheet HTML 3Page - Intersil Corporation EL2130CN Datasheet HTML 4Page - Intersil Corporation EL2130CN Datasheet HTML 5Page - Intersil Corporation EL2130CN Datasheet HTML 6Page - Intersil Corporation EL2130CN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Performance Curves
Normalized Offset Voltage
vs Temperature
Equivalent Input Noise
Common Mode Rejection
Ratio vs Frequency
Common Mode Rejection
Ratio vs Temperature
Power Supply Rejection
Ratio vs Frequency
Power Supply Rejection
Ratio vs Temperature
-Input Bias Current
vs Temperature
-Input Bias Current
Power Supply
Rejection Ratio
-Input Bias Current
Common Mode Rejection
Ratio vs Temperature
EL2130


Similar Part No. - EL2130CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2130CN ELANTEC-EL2130CN Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
More results

Similar Description - EL2130CN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com