Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2082CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2082CS
Description  Current Mode Multiplier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2082CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL2082CS Datasheet HTML 1Page - Intersil Corporation EL2082CS Datasheet HTML 2Page - Intersil Corporation EL2082CS Datasheet HTML 3Page - Intersil Corporation EL2082CS Datasheet HTML 4Page - Intersil Corporation EL2082CS Datasheet HTML 5Page - Intersil Corporation EL2082CS Datasheet HTML 6Page - Intersil Corporation EL2082CS Datasheet HTML 7Page - Intersil Corporation EL2082CS Datasheet HTML 8Page - Intersil Corporation EL2082CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
EL2082
AC Electrical Specifications
RL = 25Ω, CL = 4pF, CIN = 2pF, TA = 25°C, VG = 1V, VS = ±15V
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW1
Current Mode Bandwidth -3dB
150
MHz
BW2
±0.1dB
30
MHz
BWp
Power, IIN = 1mAP-P
150
MHz
BWg
Gain Control Bandwidth
20
MHz
SRG
Gain Control Slew Rate VG from 0.2V to 2V
12
(mA/mA)/µs
TREC
Recovery Time from VG < 0
250
ns
TEN
Enable Time from E Pin
200
ns
TDIS
Disable Time from E Pin
30
ns
DG
Differential Gain, NTSC with IIN = -0.35mA to +0.35mA
0.25
%
DP
Differential Phase, NTSC with IIN = -0.35mA to +0.35mA
0.05
Degree


Similar Part No. - EL2082CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2082CS ELANTEC-EL2082CS Datasheet
357Kb / 16P
   Current-Mode Multiplier
More results

Similar Description - EL2082CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2082C ELANTEC-EL2082C Datasheet
357Kb / 16P
   Current-Mode Multiplier
logo
Intersil Corporation
EL4083 INTERSIL-EL4083 Datasheet
165Kb / 14P
   Current Mode Four Quadrant Multiplier
logo
Elantec Semiconductor
EL4083C ELANTEC-EL4083C Datasheet
283Kb / 16P
   Current Mode Four Quadrant Multiplier
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
   Current Multiplier
VTM48EF020T080A00 VICOR-VTM48EF020T080A00 Datasheet
1Mb / 18P
   Current Multiplier
VTM48EH020X040A00 VICOR-VTM48EH020X040A00 Datasheet
1Mb / 16P
   Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com