Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72271LA20TF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72271LA20TF
Description  CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72271LA20TF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72271LA20TF Datasheet HTML 5Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 6Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 7Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 8Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 9Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 10Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 11Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 12Page - Integrated Device Technology IDT72271LA20TF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72261LA/72271LA SuperSync FIFO™
16,384 x 9 and 32,768 x 9
Figure 4. Programmable Flag Offset Programming Sequence
Figure 3. Offset Register Location and Default Values
EMPTY OFFSET (LSB) REG.
8
7
0
EMPTY OFFSET (MSB) REG.
00H
85
0
IDT72261LA
 16,384 x 9  BIT
FULL OFFSET (LSB) REG.
8
7
0
FULL OFFSET (MSB) REG.
00H
85
0
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
4671 drw 06
IDT72271LA
 32,768 x 9  BIT
EMPTY OFFSET (LSB) REG.
8
7
0
EMPTY OFFSET (MSB) REG.
00H
86
0
FULL OFFSET (LSB) REG.
8
7
0
FULL OFFSET (MSB) REG.
00H
86
0
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
NOTES:
1. The programming method can only be selected at Master Reset.
2. Parallel reading of the offset registers is always permitted regardless of which programming method has been selected.
3. The programming sequence applies to both IDT Standard and FWFT modes.
WCLK
RCLK
Selection
X
Parallel write to registers:
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
X
Parallel read from registers:
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
X
X
No Operation
X
Write Memory
X
Read Memory
X
X
No Operation
4671 drw 07
LD
0
0
X
1
1
1
0
WEN
0
1
1
0
X
1
1
REN
1
0
1
X
0
1
1
X
Serial shift into registers:
28 bits for the 72261LA
SEN
1
1
1
X
X
X
0
30 bits for the 72271LA
1 bit for each rising WCLK edge
Starting with Empty Offset (LSB)
Ending with Full Offset (MSB)


Similar Part No. - IDT72271LA20TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72271LA IDT-IDT72271LA Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72271LA RENESAS-IDT72271LA Datasheet
537Kb / 28P
   CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results

Similar Description - IDT72271LA20TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com