Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6151 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # STR-A6151
Description  Universal-Input/13 or 16 W Flyback Switching Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-A6151 Datasheet(HTML) 6 Page - Allegro MicroSystems

  STR-A6151 Datasheet HTML 1Page - Allegro MicroSystems STR-A6151 Datasheet HTML 2Page - Allegro MicroSystems STR-A6151 Datasheet HTML 3Page - Allegro MicroSystems STR-A6151 Datasheet HTML 4Page - Allegro MicroSystems STR-A6151 Datasheet HTML 5Page - Allegro MicroSystems STR-A6151 Datasheet HTML 6Page - Allegro MicroSystems STR-A6151 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STR-A6151 and STR-A6159
Universal-Input/13 or 16 W
Flyback Switching Regulators
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
6
Switching
Regulators
Complete product description and applications information
is provided in Application Note 28103.20, Series STR-
A6100 Flyback Switching Regulators.
Typical Application
APPLICATIONS INFORMATION
The products described herein are manufactured in Japan by Sanken
Electric Co., Ltd. for sale by Allegro MicroSystems, Inc.
Sanken and Allegro reserve the right to make, from time to time, such
departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of its
products. Therefore, the user is cautioned to verify that the information
in this publication is current before placing any order.
When using the products described herein, the applicability and
suitability of such products for the intended purpose shall be reviewed at
the users responsibility.
Although Sanken undertakes to enhance the quality and reliability of
its products, the occurrence of failure and defect of semiconductor
products at a certain rate is inevitable.
Users of Sanken products are requested to take, at their own risk,
preventative measures including safety design of the equipment or
systems against any possible injury, death, fires or damages to society
due to device failure or malfunction.
Sanken products listed in this publication are designed and intended
for use as components in general-purpose electronic equipment or
apparatus (home appliances, office equipment, telecommunication
equipment, measuring equipment, etc.). Their use in any application
requiring radiation hardness assurance (e.g., aerospace equipment) is
not supported.
When considering the use of Sanken products in applications where
higher reliability is required (transportation equipment and its control
systems or equipment, fire- or burglar-alarm systems, various safety
devices, etc.), contact a company sales representative to discuss and
obtain written confirmation of your specifications.
The use of Sanken products without the written consent of Sanken in
applications where extremely high reliability is required (aerospace
equipment, nuclear power-control stations, life-support systems, etc.) is
strictly prohibited.
The information included herein is believed to be accurate and
reliable. Application and operation examples described in this publica-
tion are given for reference only and Sanken and Allegro assume no
responsibility for any infringement of industrial property rights,
intellectual property rights, or any other rights of Sanken or Allegro or
any third party that may result from its use.


Similar Part No. - STR-A6151

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6151 SANKEN-STR-A6151 Datasheet
139Kb / 2P
   LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
STR-A6151 SANKEN-STR-A6151 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151 SANKEN-STR-A6151 Datasheet
854Kb / 26P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151M SANKEN-STR-A6151M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151M SANKEN-STR-A6151M Datasheet
854Kb / 26P
   Off-Line PRC Controllers with Integrated Power MOSFET
More results

Similar Description - STR-A6151

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
   Universal-Input 13 W 100 kHz Flyback Switching Regulators
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
   Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6131 ALLEGRO-STR-A6131 Datasheet
221Kb / 7P
   120 V/12 or 16 W Flyback Switching Regulators
STR-A6252M ALLEGRO-STR-A6252M Datasheet
972Kb / 13P
   Universal-Input 20W 67kHz Flyback Switching Regulators
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
   Universal-Input/20 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6252D ALLEGRO-STR-W6252D Datasheet
588Kb / 15P
   60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
logo
Sanken electric
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
   30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
STR-W6253MD SANKEN-STR-W6253MD Datasheet
575Kb / 14P
   60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com